Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5907 Datasheet(PDF) 31 Page - Texas Instruments

Part # LP5907
Description  LP5907 250mA, Low-Noise, Low-IQ LDO
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5907 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LP5907 Datasheet HTML 27Page - Texas Instruments LP5907 Datasheet HTML 28Page - Texas Instruments LP5907 Datasheet HTML 29Page - Texas Instruments LP5907 Datasheet HTML 30Page - Texas Instruments LP5907 Datasheet HTML 31Page - Texas Instruments LP5907 Datasheet HTML 32Page - Texas Instruments LP5907 Datasheet HTML 33Page - Texas Instruments LP5907 Datasheet HTML 34Page - Texas Instruments LP5907 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
7-Sep-2025
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LP5907SNX2.9NOPBG4
X2SON
DQN
4
3000
180.0
8.4
1.16
1.16
0.5
4.0
8.0
Q2
LP5907SNX3.0NOPBG4
X2SON
DQN
4
3000
180.0
9.5
1.16
1.16
0.63
4.0
8.0
Q2
LP5907SNX3.1NOPBG4
X2SON
DQN
4
3000
180.0
8.4
1.16
1.16
0.5
4.0
8.0
Q2
LP5907SNX3.2NOPBG4
X2SON
DQN
4
3000
180.0
8.4
1.16
1.16
0.5
4.0
8.0
Q2
LP5907SNX3.3NOPBG4
X2SON
DQN
4
3000
180.0
8.4
1.16
1.16
0.5
4.0
8.0
Q2
LP5907SNX4.0NOPBG4
X2SON
DQN
4
3000
180.0
8.4
1.16
1.16
0.5
4.0
8.0
Q2
LP5907SNX4.5NOPBG4
X2SON
DQN
4
3000
180.0
8.4
1.16
1.16
0.5
4.0
8.0
Q2
LP5907UVE-1.2/NOPB
DSBGA
YKE
4
250
178.0
8.4
0.71
0.71
0.51
2.0
8.0
Q1
LP5907UVE-1.8/NOPB
DSBGA
YKE
4
250
178.0
8.4
0.71
0.71
0.51
2.0
8.0
Q1
LP5907UVE-2.8/NOPB
DSBGA
YKE
4
250
178.0
8.4
0.71
0.71
0.51
2.0
8.0
Q1
LP5907UVE-2.85/NOPB
DSBGA
YKE
4
250
178.0
8.4
0.71
0.71
0.51
2.0
8.0
Q1
LP5907UVE-3.0/NOPB
DSBGA
YKE
4
250
178.0
8.4
0.71
0.71
0.51
2.0
8.0
Q1
LP5907UVE-3.1/NOPB
DSBGA
YKE
4
250
178.0
8.4
0.71
0.71
0.51
2.0
8.0
Q1
LP5907UVE-3.2/NOPB
DSBGA
YKE
4
250
178.0
8.4
0.71
0.71
0.51
2.0
8.0
Q1
LP5907UVE-3.3/NOPB
DSBGA
YKE
4
250
178.0
8.4
0.71
0.71
0.51
2.0
8.0
Q1
LP5907UVE-4.5/NOPB
DSBGA
YKE
4
250
178.0
8.4
0.71
0.71
0.51
2.0
8.0
Q1
LP5907UVX-1.2/NOPB
DSBGA
YKE
4
3000
178.0
8.4
0.71
0.71
0.51
2.0
8.0
Q1
LP5907UVX-1.8/NOPB
DSBGA
YKE
4
3000
178.0
8.4
0.71
0.71
0.51
2.0
8.0
Q1
LP5907UVX-2.5/NOPB
DSBGA
YKE
4
3000
178.0
8.4
0.71
0.71
0.51
2.0
8.0
Q1
LP5907UVX-2.8/NOPB
DSBGA
YKE
4
3000
178.0
8.4
0.71
0.71
0.51
2.0
8.0
Q1
LP5907UVX-2.85/NOPB
DSBGA
YKE
4
3000
178.0
8.4
0.71
0.71
0.51
2.0
8.0
Q1
LP5907UVX-3.0/NOPB
DSBGA
YKE
4
3000
178.0
8.4
0.71
0.71
0.51
2.0
8.0
Q1
LP5907UVX-3.1/NOPB
DSBGA
YKE
4
3000
178.0
8.4
0.71
0.71
0.51
2.0
8.0
Q1
LP5907UVX-3.2/NOPB
DSBGA
YKE
4
3000
178.0
8.4
0.71
0.71
0.51
2.0
8.0
Q1
LP5907UVX-3.3/NOPB
DSBGA
YKE
4
3000
178.0
8.4
0.71
0.71
0.51
2.0
8.0
Q1
LP5907UVX-4.5/NOPB
DSBGA
YKE
4
3000
178.0
8.4
0.71
0.71
0.51
2.0
8.0
Q1
LP5907UVX19/NOPB
DSBGA
YKE
4
3000
178.0
8.4
0.71
0.71
0.51
2.0
8.0
Q1
LP5907UVX37/NOPB
DSBGA
YKE
4
3000
178.0
8.4
0.71
0.71
0.51
2.0
8.0
Q1
LP5907YKGR-2.8
DSBGA
YKG
4
3000
178.0
9.2
0.72
0.72
0.39
4.0
8.0
Q1
LP5907YKGR-2.825
DSBGA
YKG
4
3000
178.0
9.2
0.72
0.72
0.39
4.0
8.0
Q1
LP5907YKGR-2.85
DSBGA
YKG
4
3000
178.0
9.2
0.72
0.72
0.39
4.0
8.0
Q1
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com