Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5907 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP5907
Description  LP5907 250mA, Low-Noise, Low-IQ LDO
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5907 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP5907 Datasheet HTML 7Page - Texas Instruments LP5907 Datasheet HTML 8Page - Texas Instruments LP5907 Datasheet HTML 9Page - Texas Instruments LP5907 Datasheet HTML 10Page - Texas Instruments LP5907 Datasheet HTML 11Page - Texas Instruments LP5907 Datasheet HTML 12Page - Texas Instruments LP5907 Datasheet HTML 13Page - Texas Instruments LP5907 Datasheet HTML 14Page - Texas Instruments LP5907 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
6 Detailed Description
6.1 Overview
Designed to meet the needs of sensitive RF and analog circuits, the LP5907 provides low noise, high PSRR,
low quiescent current, and low line and load transient response figures. Using innovative design techniques, the
LP5907 offers class leading noise performance without the need for a separate noise filter capacitor.
The LP5907 is designed to perform with a single 1µF input capacitor and a single 1µF ceramic output capacitor.
With a reasonable PCB layout, the single 1µF ceramic output capacitor can be placed up to 10cm away from the
LP5907 device.
6.2 Functional Block Diagram
IN
VBG
1.20V
EN
+
EN
EN
GND
POR
+
OUT
1 M
V
IH
RF
CF
+
EN
EN
RAD
6.3 Feature Description
6.3.1 Enable (EN)
The LP5907 EN pin is internally held low by a 1MΩ resistor to GND. The EN pin voltage must be higher than
the VIH threshold to make sure that the device is fully enabled under all operating conditions. The EN pin voltage
must be lower than the VIL threshold to make sure that the device is fully disabled and the automatic output
discharge is activated.
6.3.2 Low Output Noise
Any internal noise at the LP5907 reference voltage is reduced by a first-order, low-pass RC filter before being
passed to the output buffer stage. The low-pass RC filter has a –3-dB cut-off frequency of approximately 0.1Hz.
6.3.3 Output Automatic Discharge
The LP5907 output employs an internal 230Ω (typical) pulldown resistance to discharge the output when the EN
pin is low and the device is disabled.
www.ti.com
LP5907
SNVS798Q – APRIL 2012 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: LP5907



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com