Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8556 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP8556
Description  LP8556 High-Efficiency LED Backlight Driver For Tablets
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8556 Datasheet(HTML) 3 Page - Texas Instruments

  LP8556 Datasheet HTML 1Page - Texas Instruments LP8556 Datasheet HTML 2Page - Texas Instruments LP8556 Datasheet HTML 3Page - Texas Instruments LP8556 Datasheet HTML 4Page - Texas Instruments LP8556 Datasheet HTML 5Page - Texas Instruments LP8556 Datasheet HTML 6Page - Texas Instruments LP8556 Datasheet HTML 7Page - Texas Instruments LP8556 Datasheet HTML 8Page - Texas Instruments LP8556 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
3
LP8556
www.ti.com
SNVS871M – JULY 2012 – REVISED JUNE 2020
Product Folder Links: LP8556
Submit Documentation Feedback
Copyright © 2012–2020, Texas Instruments Incorporated
•
Changed "via EPROM" in Table 13 title to "With an External Resistor" ............................................................................. 46
•
Changed subtracted 1 from bit values of all Table 13 "ƒPWM [Hz] (Resolution)" entries except 2402 ................................. 46
Changes from Revision G (November 2013) to Revision H
Page
•
Added Pin Configuration and Functions section, Handling Ratings table, Feature Description section, Device
Functional Modes, Application and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information
section ................................................................................................................................................................................... 1
Changes from Revision E (August 2013) to Revision G
Page
•
Changed Description of "1=" for OCP row in Fault table, STATUS Register Section.......................................................... 34
•
Changed A7h values for E02, E03, E04, E06, E07, E09, E11 DSGBA EPROM Bit Explanations tables ........................... 36
•
Deleted E00, E01, E08, E10, E12, E13 columns and A8H row from 3 EPROM Bit Explanations table.............................. 36
•
Changed values for E00, E08, E09 WQFN EPROM Settings table..................................................................................... 37
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
5 Device Options
ORDERABLE DEVICE(1)
PACKAGE
TYPE
DEVICE OPTION
LED
CHANNEL
COUNT
MAXIMUM LED
CURRENT
BOOST OUTPUT
VOLTAGE
RANGE
LP8556SQ-E00/NOPB
LP8556SQE-E00/NOPB
LP8556SQX-E00/NOPB
WQFN
“PWM Only” – Recommended for
systems without an I2C master.
5
23 mA
16 V to 34.5 V
LP8556SQ-E08/NOPB
LP8556SQE-E08/NOPB
LP8556SQX-E08/NOPB
4
LP8556SQ-E09/NOPB
LP8556SQE-E09/NOPB
LP8556SQX-E09/NOPB
6
LP8556TME-E02/NOPB
LP8556TMX-E02/NOPB
DSBGA
“PWM and I2C” - Recommended for
systems with an I2C master.
6
25 mA
16 V to 30 V
LP8556TME-E03/NOPB
LP8556TMX-E03/NOPB
“PWM Only” – Recommended for
systems without an I2C master.
5
20 mA
16 V to 34.5 V
LP8556TME-E04/NOPB
LP8556TMX-E04/NOPB
6
20 mA
16 V to 25 V
LP8556TME-E05/NOPB
LP8556TMX-E05/NOPB
“Non-programmed” – This option is
for evaluation purposes only.
Can be
programmed
to any
available.
25 mA
Can be
programmed to
any available.
LP8556TME-E06/NOPB
LP8556TMX-E06/NOPB
“PWM Only” – Recommended for
systems without an I2C master.
5
25 mA
16 V to 39 V
LP8556TME-E07/NOPB
LP8556TMX-E07/NOPB
4
20 mA
12.88 V to 30 V
LP8556TME-E09/NOPB
LP8556TMX-E09/NOPB
6
23 mA
16 V to 34.5 V
LP8556TME-E11/NOPB
LP8556TMX-E11/NOPB
“PWM and I2C” - Recommended for
systems with an I2C master.
3
23 mA
7 V to 21 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com