Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8556 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP8556
Description  LP8556 High-Efficiency LED Backlight Driver For Tablets
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8556 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 6Page - Texas Instruments LP8556 Datasheet HTML 7Page - Texas Instruments LP8556 Datasheet HTML 8Page - Texas Instruments LP8556 Datasheet HTML 9Page - Texas Instruments LP8556 Datasheet HTML 10Page - Texas Instruments LP8556 Datasheet HTML 11Page - Texas Instruments LP8556 Datasheet HTML 12Page - Texas Instruments LP8556 Datasheet HTML 13Page - Texas Instruments LP8556 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
10
LP8556
SNVS871M – JULY 2012 – REVISED JUNE 2020
www.ti.com
Product Folder Links: LP8556
Submit Documentation Feedback
Copyright © 2012–2020, Texas Instruments Incorporated
(1)
Minimum (MIN) and Maximum (MAX) limits are specified by design, test, or statistical analysis. Typical numbers are for information only.
7.9 Electrical Characteristics — Logic Interface
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOGIC INPUTS (PWM, SDA, SCL)
VIL
Input low level
–30°C
≤ TA ≤ 85°C
0.3 ×
VDDIO
V
VIH
Input high level
–30°C
≤ TA ≤ 85°C
0.7 ×
VDDIO
V
II
Input current
(VDDIO = 0 V or 3.6 V), (VI = 0 V or 3.6 V),
–30°C
≤ TA ≤ 85°C
–1
1
µA
LOGIC OUTPUTS (SDA)
VOL
Output low level
IOUT = 3 mA (pull-up current)
0.3
V
IOUT = 3 mA (pull-up current),
–30°C
≤ TA ≤ 85°C
0.3
0.4
IL
Output leakage current
VOUT = 5 V, –30°C ≤ TA ≤ 85°C
–1
1
µA
(1)
Verified by design and not tested in production.
7.10 I
2C Serial Bus Timing Parameters (SDA, SCL)(1)
MIN
MAX
UNIT
ƒSCL
Clock frequency
400
kHz
1
Hold time (repeated) START condition
0.6
µs
2
Clock low time
1.3
µs
3
Clock high time
600
ns
4
Setup time for a repeated START condition
600
ns
5
Data hold time
50
ns
6
Data set-up time
100
ns
7
Rise time of SDA and SCL
20 + 0.1Cb
300
ns
8
Fall time of SDA and SCL
15 + 0.1Cb
300
ns
9
Setup time for STOP condition
600
ns
10
Bus-free time between a STOP and a START condition
1.3
µs
Cb
Capacitive load parameter for each bus line load of 1 pF corresponds to 1 ns.
10
200
ns
Figure 1. I2C-Compatible Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com