| Electronic Components Datasheet Search |
|
MAX3232CPWR.A Datasheet(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MAX3232CPWR.A Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 30 page ![]() 6.7 Electrical Characteristics — Receiver over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)(2) (see Typical Operating Circuit and Capacitor Values) PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT VOH High-level output voltage IOH = –1 mA VCC – 0.6 VCC – 0.1 V VOL Low-level output voltage IOL = 1.6 mA 0.4 V VIT+ Positive-going input threshold voltage VCC = 3.3 V 1.5 2.4 V VCC = 5 V 1.8 2.4 VIT– Negative-going input threshold voltage VCC = 3.3 V 0.6 1.2 V VCC = 5 V 0.8 1.5 Vhys Input hysteresis (VIT+ – VIT–) 0.3 V rI Input resistance VI = ±3 V to ±25 V 3 5 7 kΩ (1) All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C. (2) Test conditions are C1–C4 = 0.1 μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V. 6.8 Switching Characteristics over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)(3) (see Typical Operating Circuit and Capacitor Values) PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT Maximum data rate RL = 3 kΩ, CL = 1000 pF 150 250 kbit/s One DOUT switching, See Figure 7-1 tsk(p) Driver Pulse skew(2) RL = 3 kΩ to 7 kΩ, CL = 150 to 2500 pF 300 ns See Figure 7-2 SR(tr) Slew rate, transition region (see Figure 7-1) RL = 3 kΩ to 7 kΩ, VCC = 5 V CL = 150 to 1000 pF 6 30 V/μs CL = 150 to 2500 pF 4 30 tPLH®) Propagation delay time, low- to high- level output CL = 150 pF 300 ns tPHL®) Propagation delay time, high- to low- level output 300 tsk(p) Receiver Pulse skew(3) 300 (1) All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C. (2) Pulse skew is defined as |tPLH − tPHL| of each channel of the same device. (3) Test conditions are C1–C4 = 0.1 μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V. MAX3232 SLLS410O – JANUARY 2000 – REVISED JUNE 2021 www.ti.com 6 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: MAX3232 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |