Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLAS616 Datasheet(PDF) 33 Page - Texas Instruments

Part # SLAS616
Description  MIXED SIGNAL MICROCONTROLLER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS616 Datasheet(HTML) 33 Page - Texas Instruments

Back Button SLAS616 Datasheet HTML 29Page - Texas Instruments SLAS616 Datasheet HTML 30Page - Texas Instruments SLAS616 Datasheet HTML 31Page - Texas Instruments SLAS616 Datasheet HTML 32Page - Texas Instruments SLAS616 Datasheet HTML 33Page - Texas Instruments SLAS616 Datasheet HTML 34Page - Texas Instruments SLAS616 Datasheet HTML 35Page - Texas Instruments SLAS616 Datasheet HTML 36Page - Texas Instruments SLAS616 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
MSP430FE42x2
MIXED SIGNAL MICROCONTROLLER
SLAS616 − JULY 2008
33
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ESP430CE1B (I1 SD16GAINx = 1) typical characteristics (see Note 1)
Figure 15
Line Current − A
−1.00
−0.75
−0.50
−0.25
0.00
0.25
0.50
0.75
1.00
0.01
0.10
1.00
10.00
100.00
MEASUREMENT ERROR AS % OF READING
(TA = 25°C)
PF = 1
PF = 0.5 lag
PF = 0.8 lead
fMAINS = 50 Hz
VLINE = 230 V
Figure 16
Line Current − A
−1.00
−0.75
−0.50
−0.25
0.00
0.25
0.50
0.75
1.00
0.01
0.10
1.00
10.00
100.00
MEASUREMENT ERROR AS % OF READING
(TA = −40°C)
PF = 1
PF = 0.5 lag
PF = 0.8 lead
fMAINS = 50 Hz
VLINE = 230 V
Figure 17
Line Current − A
−1.00
−0.75
−0.50
−0.25
0.00
0.25
0.50
0.75
1.00
0.01
0.10
1.00
10.00
100.00
MEASUREMENT ERROR AS % OF READING
(TA = 85°C)
PF = 1
PF = 0.5 lag
PF = 0.8 lead
fMAINS = 50 Hz
VLINE = 230 V
NOTE 1: Results corrected for typical phase error of CT used (−40
°C to 25°C: −0.7°; 25°C to 85°C: +0.5°).
See Figure 14 for test circuitry: CT part number = T60404−E4624−X101 ( Vacuumschmelze), R1 = 0 Ω, RB = 12.4 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com