| Electronic Components Datasheet Search |
|
SLAS616 Datasheet(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SLAS616 Datasheet(HTML) 7 Page - Texas Instruments |
|
7 / 52 page ![]() MSP430FE42x2 MIXED SIGNAL MICROCONTROLLER SLAS616 − JULY 2008 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 operating modes The MSP430 has one active mode and five software-selectable low-power modes of operation. An interrupt event can wake up the device from any of the five low-power modes, service the request, and restore back to the low-power mode on return from the interrupt program. The following six operating modes can be configured by software: D Active mode (AM) − All clocks are active. D Low-power mode 0 (LPM0) − CPU is disabled. − ACLK and SMCLK remain active, MCLK is available to modules. − FLL+ loop control remains active. D Low-power mode 1 (LPM1) − CPU is disabled. − ACLK and SMCLK remain active, MCLK is available to modules. − FLL+ loop control is disabled. D Low-power mode 2 (LPM2) − CPU is disabled. − MCLK, FLL+ loop control, and DCOCLK are disabled. − DCO’s dc generator remains enabled. − ACLK remains active. D Low-power mode 3 (LPM3) − CPU is disabled. − MCLK, FLL+ loop control, and DCOCLK are disabled. − DCO’s dc generator is disabled. − ACLK remains active. D Low-power mode 4 (LPM4) − CPU is disabled. − ACLK is disabled. − MCLK, FLL+ loop control, and DCOCLK are disabled. − DCO’s dc generator is disabled. − Crystal oscillator is stopped. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |