Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F031F6Y7 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STM32F031F6Y7
Description  ARM®-based 32-bit MCU with up to 32 Kbyte Flash, 9 timers, ADC and communication interfaces, 2.0 - 3.6 V
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F031F6Y7 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STM32F031F6Y7 Datasheet HTML 22Page - STMicroelectronics STM32F031F6Y7 Datasheet HTML 23Page - STMicroelectronics STM32F031F6Y7 Datasheet HTML 24Page - STMicroelectronics STM32F031F6Y7 Datasheet HTML 25Page - STMicroelectronics STM32F031F6Y7 Datasheet HTML 26Page - STMicroelectronics STM32F031F6Y7 Datasheet HTML 27Page - STMicroelectronics STM32F031F6Y7 Datasheet HTML 28Page - STMicroelectronics STM32F031F6Y7 Datasheet HTML 29Page - STMicroelectronics STM32F031F6Y7 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 106 page
background image
Pinouts and pin description
STM32F031x4 STM32F031x6
26/106
DocID025743 Rev 6
Table 10. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function
during and after reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input-only pin
I/O
Input / output pin
I/O structure
FT
5 V-tolerant I/O
FTf
5 V-tolerant I/O, FM+ capable
TTa
3.3 V-tolerant I/O directly connected to ADC
TC
Standard 3.3V I/O
B
Dedicated BOOT0 pin
RST
Bidirectional reset pin with embedded weak pull-up resistor
Notes
Unless otherwise specified by a note, all I/Os are set as floating inputs during
and after reset
Pin
functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
Table 11. Pin definitions
Pin number
Pin name
(function upon
reset)
Notes
Pin functions
Alternate functions
Additional
functions
1
-
-
-
-
-
VBAT
S
-
-
Backup power supply
2
-
--
--
PC13
I/O
TC
(1)(2)
-
RTC_TAMP1,
RTC_TS,
RTC_OUT,
WKUP2
3
-
--
--
PC14-OSC32_IN
(PC14)
I/O
TC
(1)(2)
-
OSC32_IN
4
-
--
--
PC15-
OSC32_OUT
(PC15)
I/O
TC
(1)(2)
-
OSC32_OUT
52
22
A5
2
PF0-OSC_IN
(PF0)
I/O
FT
-
-
OSC_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com