Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F031F6Y7 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM32F031F6Y7
Description  ARM®-based 32-bit MCU with up to 32 Kbyte Flash, 9 timers, ADC and communication interfaces, 2.0 - 3.6 V
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F031F6Y7 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM32F031F6Y7 Datasheet HTML 24Page - STMicroelectronics STM32F031F6Y7 Datasheet HTML 25Page - STMicroelectronics STM32F031F6Y7 Datasheet HTML 26Page - STMicroelectronics STM32F031F6Y7 Datasheet HTML 27Page - STMicroelectronics STM32F031F6Y7 Datasheet HTML 28Page - STMicroelectronics STM32F031F6Y7 Datasheet HTML 29Page - STMicroelectronics STM32F031F6Y7 Datasheet HTML 30Page - STMicroelectronics STM32F031F6Y7 Datasheet HTML 31Page - STMicroelectronics STM32F031F6Y7 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 106 page
background image
Pinouts and pin description
STM32F031x4 STM32F031x6
28/106
DocID025743 Rev 6
17
13
13
13
E4
13
PA7
I/O
TTa
-
SPI1_MOSI,
I2S1_SD,
TIM3_CH2,
TIM14_CH1,
TIM1_CH1N,
TIM17_CH1,
EVENTOUT
ADC_IN7
18
14
14
14
E3
-
PB0
I/O
TTa
-
TIM3_CH3,
TIM1_CH2N,
EVENTOUT
ADC_IN8
19
15
15
15
E2
14
PB1
I/O
TTa
-
TIM3_CH4,
TIM14_CH1,
TIM1_CH3N
ADC_IN9
20
-
16
-
-
-
PB2
I/O
FT
(4)
--
21
--
--
-
PB10
I/O
FTf
-
TIM2_CH3,
I2C1_SCL
-
22
--
--
-
PB11
I/O
FTf
-
TIM2_CH4,
EVENTOUT,
I2C1_SDA
-
23
16
0
16
E1
15
VSS
S
-
-
Ground
24
17
17
17
D1
16
VDD
S
-
-
Digital power supply
25
--
--
-
PB12
I/O
FT
-
TIM1_BKIN,
EVENTOUT,
SPI1_NSS
-
26
--
--
-
PB13
I/O
FT
-
TIM1_CH1N,
SPI1_SCK
-
27
--
--
-
PB14
I/O
FT
-
TIM1_CH2N,
SPI1_MISO
-
28
--
--
-
PB15
I/O
FT
-
TIM1_CH3N,
SPI1_MOSI
RTC_REFIN
29
18
18
18
D2
-
PA8
I/O
FT
-
USART1_CK,
TIM1_CH1,
EVENTOUT,
MCO
-
Table 11. Pin definitions (continued)
Pin number
Pin name
(function upon
reset)
Notes
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com