Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA197IDBVT Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA197IDBVT
Description  OPAx197 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage, Operational Amplifiers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA197IDBVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA197IDBVT Datasheet HTML 17Page - Texas Instruments OPA197IDBVT Datasheet HTML 18Page - Texas Instruments OPA197IDBVT Datasheet HTML 19Page - Texas Instruments OPA197IDBVT Datasheet HTML 20Page - Texas Instruments OPA197IDBVT Datasheet HTML 21Page - Texas Instruments OPA197IDBVT Datasheet HTML 22Page - Texas Instruments OPA197IDBVT Datasheet HTML 23Page - Texas Instruments OPA197IDBVT Datasheet HTML 24Page - Texas Instruments OPA197IDBVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
10M
100M
1G
10G
Frequency (Hz)
C017
P
RF = -10 dBm
V
SUPPLY = ±18 V
V
CM = 0 V
21
OPA197, OPA2197, OPA4197
www.ti.com
SBOS737C – JANUARY 2016 – REVISED MARCH 2018
Product Folder Links: OPA197 OPA2197 OPA4197
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
Feature Description (continued)
The OPAx197 family of operational amplifiers provides a true high-impedance differential input capability for high-
voltage applications. This patented input protection architecture does not introduce additional signal distortion or
delayed settling time, making the device an optimal op amp for multichannel, high-switched, input applications.
The OPA197 can tolerate a maximum differential swing (voltage between inverting and noninverting pins of the
op amp) of up to 36 V, making the device suitable for use as a comparator or in applications with fast-ramping
input signals such as multiplexed data-acquisition systems, as shown in Figure 53.
7.3.2 EMI Rejection
The OPAx197 uses integrated electromagnetic interference (EMI) filtering to reduce the effects of EMI from
sources such as wireless communications and densely-populated boards with a mix of analog signal chain and
digital components. EMI immunity can be improved with circuit design techniques; the OPAx197 benefits from
these design improvements. Texas Instruments has developed the ability to accurately measure and quantify the
immunity of an operational amplifier over a broad frequency spectrum extending from 10 MHz to 6 GHz.
Figure 44 shows the results of this testing on the OPA197. Table 2 shows the EMIRR IN+ values for the OPA197
at particular frequencies commonly encountered in real-world applications. Applications listed in Table 2 may be
centered on or operated near the particular frequency shown. Detailed information can also be found in the
application report EMI Rejection Ratio of Operational Amplifiers, SBOA128, available for download from
www.ti.com.
Figure 44. EMIRR Testing
Table 2. OPA197 EMIRR IN+ For Frequencies of Interest
FREQUENCY
APPLICATION OR ALLOCATION
EMIRR IN+
400 MHz
Mobile radio, mobile satellite, space operation, weather, radar, ultra-high frequency (UHF)
applications
44.1 dB
900 MHz
Global system for mobile communications (GSM) applications, radio communication, navigation,
GPS (to 1.6 GHz), GSM, aeronautical mobile, UHF applications
52.8 dB
1.8 GHz
GSM applications, mobile personal communications, broadband, satellite, L-band (1 GHz to 2 GHz)
61.0 dB
2.4 GHz
802.11b, 802.11g, 802.11n, Bluetooth®, mobile personal communications, industrial, scientific and
medical (ISM) radio band, amateur radio and satellite, S-band (2 GHz to 4 GHz)
69.5 dB
3.6 GHz
Radiolocation, aero communication and navigation, satellite, mobile, S-band
88.7 dB
5.0 GHz
802.11a, 802.11n, aero communication and navigation, mobile communication, space and satellite
operation, C-band (4 GHz to 8 GHz)
105.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com