Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA197IDBVT Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA197IDBVT
Description  OPAx197 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage, Operational Amplifiers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA197IDBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA197IDBVT Datasheet HTML 4Page - Texas Instruments OPA197IDBVT Datasheet HTML 5Page - Texas Instruments OPA197IDBVT Datasheet HTML 6Page - Texas Instruments OPA197IDBVT Datasheet HTML 7Page - Texas Instruments OPA197IDBVT Datasheet HTML 8Page - Texas Instruments OPA197IDBVT Datasheet HTML 9Page - Texas Instruments OPA197IDBVT Datasheet HTML 10Page - Texas Instruments OPA197IDBVT Datasheet HTML 11Page - Texas Instruments OPA197IDBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
8
OPA197, OPA2197, OPA4197
SBOS737C – JANUARY 2016 – REVISED MARCH 2018
www.ti.com
Product Folder Links: OPA197 OPA2197 OPA4197
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
Electrical Characteristics: VS = ±4 V to ±18 V (VS = 8 V to 36 V) (continued)
at TA = 25°C, VCM = VOUT = VS / 2, and RLOAD = 10 kΩ connected to VS / 2, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
For a detailed description of thermal protection, see the Thermal Protection section.
FREQUENCY RESPONSE
GBW
Unity gain bandwidth
10
MHz
SR
Slew rate
VS = ± 18 V, G = 1, 10-V step
20
V/µs
ts
Settling time
To 0.01%
V S = ±18 V, G = 1, 10-V step
1.4
µs
V S = ±18 V, G = 1, 5-V step
0.9
To 0.001%
V S = ±18 V, G = 1, 10-V step
2.1
V S = ±18 V, G = 1, 5-V step
1.8
tOR
Overload recovery time
VIN × G = VS
200
ns
THD+N
Total harmonic
distortion + noise
G = 1, f = 1 kHz, VO = 3.5 VRMS
0.00008%
OUTPUT
VO
Voltage output swing
from rail
Positive rail
No load
5
25
mV
RLOAD = 10 kΩ
95
125
RLOAD = 2 kΩ
430
500
Negative rail
No load
5
25
RLOAD = 10 kΩ
95
125
RLOAD = 2 kΩ
430
500
ISC
Short-circuit current
VS = ±18 V
±65
mA
CLOAD
Capacitive load drive
See Typical Characteristics
ZO
Open-loop output
impedance
f = 1 MHz, IO = 0 A, See Figure 26
375
Ω
POWER SUPPLY
IQ
Quiescent current per
amplifier
IO = 0 A
1
1.3
mA
TA = –40°C to +125°C, IO = 0 A
1.5
TEMPERATURE
Thermal protection(2)
140
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com