Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2197IDRG4 Datasheet(PDF) 22 Page - Texas Instruments

Part # OPA2197IDRG4
Description  OPAx197 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage, Operational Amplifiers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2197IDRG4 Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA2197IDRG4 Datasheet HTML 18Page - Texas Instruments OPA2197IDRG4 Datasheet HTML 19Page - Texas Instruments OPA2197IDRG4 Datasheet HTML 20Page - Texas Instruments OPA2197IDRG4 Datasheet HTML 21Page - Texas Instruments OPA2197IDRG4 Datasheet HTML 22Page - Texas Instruments OPA2197IDRG4 Datasheet HTML 23Page - Texas Instruments OPA2197IDRG4 Datasheet HTML 24Page - Texas Instruments OPA2197IDRG4 Datasheet HTML 25Page - Texas Instruments OPA2197IDRG4 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
VOUT
140ºC
3 V
0 V
Normal
Operation
Output
High-Z
150°C
+30 V
RL
100
Ÿ
VIN
3 V
+
3 V
±
IOUT = 30 mA
OPAx197
TA = 65°C
PD = 0.81W
JA = 116°C/W
TJ = 116°C/W × 0.81W + 65°C
TJ = 159°C (expected)
+
±
Time (200 Ps/div)
Output
Input
22
OPA197, OPA2197, OPA4197
SBOS737C – JANUARY 2016 – REVISED MARCH 2018
www.ti.com
Product Folder Links: OPA197 OPA2197 OPA4197
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
7.3.3 Phase Reversal Protection
The OPAx197 family has internal phase-reversal protection. Many op amps exhibit a phase reversal when the
input is driven beyond its linear common-mode range. This condition is most often encountered in noninverting
circuits when the input is driven beyond the specified common-mode voltage range, causing the output to
reverse into the opposite rail. The OPAx197 is a rail-to-rail input op amp; therefore, the common-mode range can
extend up to the rails. Input signals beyond the rails do not cause phase reversal; instead, the output limits into
the appropriate rail. This performance is shown in Figure 45.
Figure 45. No Phase Reversal
7.3.4 Thermal Protection
The internal power dissipation of any amplifier causes its internal (junction) temperature to rise. This
phenomenon is called self heating. The absolute maximum junction temperature of the OPAx197 is 150°C.
Exceeding this temperature causes damage to the device. The OPAx197 has a thermal protection feature that
prevents damage from self heating. The protection works by monitoring the temperature of the device and
turning off the op amp output drive for temperatures above 140°C. Figure 46 shows an application example for
the OPA197 that has significant self heating (159°C) because of its power dissipation (0.81 W). Thermal
calculations indicate that for an ambient temperature of 65°C the device junction temperature must reach 187°C.
The actual device, however, turns off the output drive to maintain a safe junction temperature. Figure 46 depicts
how the circuit behaves during thermal protection. During normal operation, the device acts as a buffer so the
output is 3 V. When self heating causes the device junction temperature to increase above 140°C, the thermal
protection forces the output to a high-impedance state and the output is pulled to ground through resistor RL.
Figure 46. Thermal Protection
7.3.5 Capacitive Load and Stability
The OPAx197 features a patented output stage capable of driving large capacitive loads, and in a unity-gain
configuration, directly drives up to 1 nF of pure capacitive load. Increasing the gain enhances the ability of the
amplifier to drive greater capacitive loads; see Figure 47 and Figure 48. The particular op amp circuit
configuration, layout, gain, and output loading are some of the factors to consider when establishing whether an
amplifier will be stable in operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com