Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4197IPWR Datasheet(PDF) 23 Page - Texas Instruments

Part # OPA4197IPWR
Description  OPAx197 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage, Operational Amplifiers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA4197IPWR Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA4197IPWR Datasheet HTML 19Page - Texas Instruments OPA4197IPWR Datasheet HTML 20Page - Texas Instruments OPA4197IPWR Datasheet HTML 21Page - Texas Instruments OPA4197IPWR Datasheet HTML 22Page - Texas Instruments OPA4197IPWR Datasheet HTML 23Page - Texas Instruments OPA4197IPWR Datasheet HTML 24Page - Texas Instruments OPA4197IPWR Datasheet HTML 25Page - Texas Instruments OPA4197IPWR Datasheet HTML 26Page - Texas Instruments OPA4197IPWR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
Cload
+
±
Vin
Vout
+Vs
Riso
-Vs
Capacitive Load (pF)
20
30 40 50 70 100
200 300
500 700 1000
2000
0
5
10
15
20
25
30
35
40
45
RISO = 0 :
RISO = 25 :
RISO = 50 :
Capacitive Load (pF)
20
30 40 50 70 100
200 300
500 700 1000
2000
5
10
15
20
25
30
35
40
45
50
RISO = 0 :
RISO = 25 :
RISO = 50 :
23
OPA197, OPA2197, OPA4197
www.ti.com
SBOS737C – JANUARY 2016 – REVISED MARCH 2018
Product Folder Links: OPA197 OPA2197 OPA4197
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
Figure 47. Small-Signal Overshoot vs Capacitive Load
(100-mV Output Step, G = –1 V/V)
Figure 48. Small-Signal Overshoot vs Capacitive Load
(100-mV Output Step, G = 1 V/V)
For additional drive capability in unity-gain configurations, improve capacitive load drive by inserting a small
(10-Ω to 20-Ω) resistor, RISO, in series with the output, as shown in Figure 49. This resistor significantly reduces
ringing while maintaining dc performance for purely capacitive loads. However, if there is a resistive load in
parallel with the capacitive load, a voltage divider is created, introducing a gain error at the output and slightly
reducing the output swing. The error introduced is proportional to the ratio RISO / RL, and is generally negligible at
low output levels. A high capacitive load drive makes the OPA197 well suited for applications such as reference
buffers, MOSFET gate drives, and cable-shield drives. The circuit shown in Figure 49 uses an isolation resistor,
RISO, to stabilize the output of an op amp. RISO modifies the open-loop gain of the system for increased phase
margin, and results using the OPA197 are summarized in Table 3. For additional information on techniques to
optimize and design using this circuit, TI Precision Design TIDU032 details complete design goals, simulation,
and test results.
Figure 49. Extending Capacitive Load Drive with the OPA197
Table 3. OPA197 Capacitive Load Drive Solution Using Isolation Resistor Comparison of Calculated and
Measured Results
PARAMETER
VALUE
Capacitive Load
100 pF
1000 pF
0.01 µF
0.1 µF
1 µF
Phase Margin
45°
60°
45°
60°
45°
60°
45°
60°
45°
60°
RISO (Ω)
47.0
360.0
24.0
100.0
20.0
51.0
6.2
15.8
2.0
4.7
Measured
Overshoot (%)
23.2 8.6
10.4
22.5
9.0
22.1
8.7
23.1
8.6
21.0
8.6
Calculated PM
45.1°
58.1°
45.8°
59.7°
46.1°
60.1°
45.2°
60.2°
47.2°
60.2°
For step-by-step design procedure, circuit schematics, bill of materials, printed circuit board (PCB) files,
simulation results, and test results, refer to TI Precision Design TIDU032, Capacitive Load Drive Solution using
an Isolation Resistor .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com