Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA593 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA593
Description  OPA593 85-V, 250-mA Output Current, Precision, Power Op Amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA593 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA593 Datasheet HTML 17Page - Texas Instruments OPA593 Datasheet HTML 18Page - Texas Instruments OPA593 Datasheet HTML 19Page - Texas Instruments OPA593 Datasheet HTML 20Page - Texas Instruments OPA593 Datasheet HTML 21Page - Texas Instruments OPA593 Datasheet HTML 22Page - Texas Instruments OPA593 Datasheet HTML 23Page - Texas Instruments OPA593 Datasheet HTML 24Page - Texas Instruments OPA593 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
7.3 Feature Description
7.3.1 Current Limit
The OPA593 current limit is set through the ILIMIT pin and is programmable from ±25 mA to ±250 mA, typical.
The device is specified and tested for current limits of ±25 mA, ±50 mA, ±100 mA, ±250 mA. A resistor can be
used to limit the current to a fixed value or a digital-to-analog converter (DAC) can be used to vary the current
limit during operation. Figure 7-1 shows a simplified diagram of the current-limit mirror configurations, as well as
common resistor or DAC settings and the respective output current limit.
56.7 k
RCL
DAC
V– Supply
3.687 V
V–
ILIMIT
56.7 k
V– Supply
3.687 V
V–
ILIMIT
Figure 7-1. OPA593 Internal Current Limit Configurations
The most common configuration is to set the current limit using a resistor (RCL) connected between the ILIMIT
pin and the negative supply (V–). With this configuration, Equation 1 and Equation 2 are used to calculate the
current limit based on the external resistor value or the resistor needed given the desired current limit value:
ILIMIT= 3.687 V × 4000
56.7 kΩ+RCL
(1)
RCL= 3.687 V × 4000
ILIMIT  –56.7 kΩ
(2)
An alternative to fixing the current limit to a single value using an external resistor is to use a source measure
unit (SMU) or digital-to-analog converter (DAC), which enables a variable current limit.
CAUTION
With this configuration, the output of the SMU or DAC must not exceed the ILIMIT specification in
Section 6.1 to avoid reverse biasing the internal current limit circuitry and potentially damaging the
device.
Use Equation 3 to set the current limit when a DAC is used (VLIMIT = DAC output voltage):
VLIMIT= 3.687 V – ILIMIT × 56.7 kΩ
4000
(3)
Be aware that the SMU or DAC output voltage must be referenced to the negative supply of the OPA593.
Several nominal current-limit values along with the respective external resistor values and DAC output voltages
are listed in Table 7-1.
Table 7-1. Nominal Current-Limit Values
CURRENT LIMIT, ILIMIT(mA)
RESISTOR, RCL (kΩ)
DAC VOLTAGE, VLIMIT (V)(1)
25
536
3.33
50
237
2.98
100
90.9
2.27
200
16.9
0.85
250
2.29
0.14
(1)
Voltages are referenced to the negative supply, V−
www.ti.com
OPA593
SBOS659C – JANUARY 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA593



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com