Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA593 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA593
Description  OPA593 85-V, 250-mA Output Current, Precision, Power Op Amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA593 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA593 Datasheet HTML 9Page - Texas Instruments OPA593 Datasheet HTML 10Page - Texas Instruments OPA593 Datasheet HTML 11Page - Texas Instruments OPA593 Datasheet HTML 12Page - Texas Instruments OPA593 Datasheet HTML 13Page - Texas Instruments OPA593 Datasheet HTML 14Page - Texas Instruments OPA593 Datasheet HTML 15Page - Texas Instruments OPA593 Datasheet HTML 16Page - Texas Instruments OPA593 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = (V+) − (V−) = 85 V, ILIMIT = 100 mA, VCM = VOUT = VS/2, and RL = 10 kΩ connected to VS/2 (unless
otherwise noted)
Current Limit Set (mA)
20
40
60
80 100 120 140 160 180 200 220 240 260
-5
-3
-1
1
3
5
7
9
11
13
15
TA = -40°C
TA = 25°C
TA = 85°C
VS = 85 V, RL = 10 Ω to mid-supply
Figure 6-37. Output Sourcing Current Error vs Current Limit Set
Current Limit Set (mA)
20
40
60
80 100 120 140 160 180 200 220 240 260
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
TA = -40°C
TA = 25°C
TA = 85°C
VS = 85 V, RL = 10 Ω to mid-supply
Figure 6-38. Output Sinking Current Error vs Current Limit Set
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
96.5
96.6
96.7
96.8
96.9
97
Sinking
Sourcing
ILIMIT = 100 mA
Figure 6-39. Short Circuit Current vs Temperature
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
253
254
255
256
257
258
Sinking
Sourcing
ILIMIT = 250 mA
Figure 6-40. Short Circuit Current vs Temperature
Frequency (Hz)
10
20
30
50
100
200
300
500
1000
2000
3000
5000
10000
1m 10m 100m
1
10
100
1k
10k 100k 1M 10M
Figure 6-41. Open-Loop Output Impedance vs Frequency
Time (1 s/div)
Figure 6-42. 0.1-Hz to 10-Hz Noise
www.ti.com
OPA593
SBOS659C – JANUARY 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA593



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com