Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9535DGVR Datasheet(PDF) 39 Page - Texas Instruments

Part # PCA9535DGVR
Description  PCA9535 Remote 16-BIT I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCA9535DGVR Datasheet(HTML) 39 Page - Texas Instruments

Back Button PCA9535DGVR Datasheet HTML 35Page - Texas Instruments PCA9535DGVR Datasheet HTML 36Page - Texas Instruments PCA9535DGVR Datasheet HTML 37Page - Texas Instruments PCA9535DGVR Datasheet HTML 38Page - Texas Instruments PCA9535DGVR Datasheet HTML 39Page - Texas Instruments PCA9535DGVR Datasheet HTML 40Page - Texas Instruments PCA9535DGVR Datasheet HTML 41Page - Texas Instruments PCA9535DGVR Datasheet HTML 42Page - Texas Instruments PCA9535DGVR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
www.ti.com
PACKAGE OUTLINE
C
22X 0.4
2X
4.4
24X
0.23
0.13
6.6
6.2
TYP
SEATING
PLANE
0.15
0.05
0.25
GAGE PLANE
0 -8
1.2 MAX
B
4.5
4.3
NOTE 4
A
5.1
4.9
NOTE 3
0.75
0.50
(0.15) TYP
TVSOP - 1.2 mm max height
DGV0024A
SMALL OUTLINE PACKAGE
4229221/A 12/2022
1
12
13
24
0.07
C A B
PIN 1 INDEX
AREA
SEE DETAIL A
0.08 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.25 mm per side.
5. Reference JEDEC registration MO-153.
A 15
DETAIL A
TYPICAL
SCALE 2.500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com