Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA837IDBVT Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA837IDBVT
Description  OPAx837 Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA837IDBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA837IDBVT Datasheet HTML 4Page - Texas Instruments OPA837IDBVT Datasheet HTML 5Page - Texas Instruments OPA837IDBVT Datasheet HTML 6Page - Texas Instruments OPA837IDBVT Datasheet HTML 7Page - Texas Instruments OPA837IDBVT Datasheet HTML 8Page - Texas Instruments OPA837IDBVT Datasheet HTML 9Page - Texas Instruments OPA837IDBVT Datasheet HTML 10Page - Texas Instruments OPA837IDBVT Datasheet HTML 11Page - Texas Instruments OPA837IDBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
8
OPA837, OPA2837
SBOS673D – SEPTEMBER 2017 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: OPA837 OPA2837
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Electrical Characteristics: VS = 5 V (continued)
at VS+ = 5 V, VS– = 0 V, RF = 0 Ω, RL = 2 kΩ, G = 1 V/V, input and output referenced to mid-supply, and TA ≈ 25°C (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL(1)
(5)
The typical specification is at 25°C TJ. The min, max limits are expanded for the automated test equipment (ATE) to account for an
ambient range from 22°C to 32°C with a 2-µA/°C temperature coefficient on the supply current.
Input offset current drift(3)
TA = –40°C to +125°C
–250
±40
250
pA/°C
B
TA = –40°C to +125°C (OPA2837)
–270
±80
330
B
Input-referred offset voltage
mismatch
TA ≈ 25°C (OPA2837)
-220
50
220
µV
A
INPUT
Common-mode input range, low
TA ≈ 25°C, < 3-dB degradation in CMRR limit
–0.2
0
V
A
TA = –40°C to +125°C, < 3-dB degradation in
CMRR limit
–0.2
0
B
Common-mode input range, high
TA ≈ 25°C, < 3-dB degradation in CMRR limit
3.7
3.8
V
A
TA = –40°C to +125°C, < 3-dB degradation in
CMRR limit
3.7
3.8
B
CMRR
Common-mode rejection ratio
91
110
dB
A
Input impedance common-mode
175 || 1.5
MΩ || pF
C
Input impedance differential mode
180 || 0.5
kΩ || pF
C
OUTPUT
VOL
Output voltage, low
TA ≈ 25°C, G = 2
0.05
0.1
V
A
TA = –40°C to +125°C, G = 5
0.05
0.1
B
VOH
Output voltage, high
TA ≈ 25°C, G = 2
4.9
4.95
V
A
TA = –40°C to +125°C, G = 5
4.8
4.9
B
Maximum current into a resistive
load
TA ≈ 25°C, ±1.6 V into 27 Ω, VIO < 2 mV
±58
±70
mA
A
Linear current into a resistive load
TA ≈ 25°C, ±1.7 V into 37.4 Ω, AOL > 80 dB
±45
±50
mA
A
Linear current into a resistive load
overtemperature
TA = –40°C to +125°C, ±1.31 V into 37.4 Ω,
AOL > 80 dB
±35
±45
mA
C
Closed-loop output impedance
Gain of 1 V/V, ±30-mA DC
0.6
mΩ
C
POWER SUPPLY
Specified operating voltage
2.7
5.4
V
B
Quiescent operating current per
amplifier (5-V supply)
TA ≈ 25°C
(5)
564
592
625
µA
A
TA = –40°C to +125°C
408
592
865
B
Supply current temperature
coefficient per amplifier
TA = –40°C to +125°C (see Figure 57)
1.1
1.9
2.4
µA/°C
B
+PSRR
Positive power-supply rejection
ratio
95
110
dB
A
–PSRR
Negative power-supply rejection
ratio
92
108
dB
A
POWER DOWN (Pin Must be Driven)
Enable voltage threshold
Specified on above VS– + 1.5 V
1.5
V
A
Disable voltage threshold
Specified off below VS– + 0.55 V
0.55
V
A
Power-down pin bias current
PD = 0 V to VS+
–50
50
nA
A
Power-down quiescent current
PD
≤ 0.55 V
4
5
10
µA
A
Power-down quiescent current
over temperature
PD
≤ 0.55 V, TA = –40°C to +125°C
10
µA
B
Turnon time delay
Time from PD = high to VOUT = 90% of final
value
300
ns
C
Turnoff time delay
Time from PD = low to VOUT = 10% of original
value
100
ns
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com