Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA837IDBVT Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA837IDBVT
Description  OPAx837 Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA837IDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA837IDBVT Datasheet HTML 9Page - Texas Instruments OPA837IDBVT Datasheet HTML 10Page - Texas Instruments OPA837IDBVT Datasheet HTML 11Page - Texas Instruments OPA837IDBVT Datasheet HTML 12Page - Texas Instruments OPA837IDBVT Datasheet HTML 13Page - Texas Instruments OPA837IDBVT Datasheet HTML 14Page - Texas Instruments OPA837IDBVT Datasheet HTML 15Page - Texas Instruments OPA837IDBVT Datasheet HTML 16Page - Texas Instruments OPA837IDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
Frequency (Hz)
-150
-145
-140
-135
-130
-125
-120
-115
-110
-105
-100
-95
-90
-85
-80
10k
100k
1M
D017
HD2
HD3
Frequency (Hz)
-150
-145
-140
-135
-130
-125
-120
-115
-110
-105
-100
-95
-90
-85
-80
10k
100k
1M
D018
HD2 (PGA 1)
HD3 (PGA 1)
HD2 (PGA 2)
HD3 (PGA 2)
Gain Magnitude (V/V)
-150
-145
-140
-135
-130
-125
-120
-115
-110
-105
-100
1
10
D016
HD2, +Gain
HD3, +Gain
HD2, Gain
HD3, Gain
Output Voltage (V)
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
-140
-135
-130
-125
-120
-115
-110
D015
HD2, Gain = 2 V/V
HD3, Gain = 2 V/V
HD2, Gain = 1 V/V
HD3, Gain = 1 V/V
Frequency (Hz)
-150
-140
-130
-120
-110
-100
-90
-80
10k
100k
1M
D013
HD2, Gain = 1 V/V
HD3, Gain = 1 V/V
HD2, Gain = 1 V/V
HD3, Gain = 1 V/V
RLOAD (:)
-150
-145
-140
-135
-130
-125
-120
-115
-110
-105
-100
100
1k
D014
HD2, Gain = 1 V/V
HD3, Gain = 1 V/V
HD2, Gain = 1 V/V
HD3, Gain = 1 V/V
13
OPA837, OPA2837
www.ti.com
SBOS673D – SEPTEMBER 2017 – REVISED DECEMBER 2018
Product Folder Links: OPA837 OPA2837
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Typical Characteristics: VS = 5.0 V (continued)
at VS+ = 5.0 V, VS– = 0 V, VOUT = 2 VPP, RF = 0 Ω, RL = 2 kΩ, G = 1 V/V, input and output referenced to mid-supply, and TA ≈
25°C (unless otherwise noted)
See Figure 74, Figure 75, Table 2, and Table 3, VOUT = 2 VPP
Figure 13. Harmonic Distortion vs Frequency
See Figure 74, Figure 75, Table 2, and Table 3, VOUT = 2 VPP,
f = 100 kHz
Figure 14. Harmonic Distortion vs RLOAD
See Figure 74, Figure 75, Table 2, and Table 3, VOUT = 2 VPP,
f = 100 kHz
Figure 15. Harmonic Distortion vs Output Voltage
See Figure 74, Figure 75, Table 2, and Table 3, VOUT = 2 VPP,
f = 100 kHz
Figure 16. Harmonic Distortion vs Gain Magnitude
See Figure 87, VOUT = 2 VPP, f = 100 kHz
Figure 17. Harmonic Distortion as Active Mux
See Figure 87, gain of 1 V/V or 2 V/V, VOUT = 2 VPP,
f = 100 kHz
Figure 18. Harmonic Distortion as 1-Bit PGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com