Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM2706C Datasheet(PDF) 21 Page - Texas Instruments

Part # PCM2706C
Description  PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output and S/PDIF Output
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2706C Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM2706C Datasheet HTML 17Page - Texas Instruments PCM2706C Datasheet HTML 18Page - Texas Instruments PCM2706C Datasheet HTML 19Page - Texas Instruments PCM2706C Datasheet HTML 20Page - Texas Instruments PCM2706C Datasheet HTML 21Page - Texas Instruments PCM2706C Datasheet HTML 22Page - Texas Instruments PCM2706C Datasheet HTML 23Page - Texas Instruments PCM2706C Datasheet HTML 24Page - Texas Instruments PCM2706C Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
PCM2704C, PCM2705C, PCM2706C, PCM2707C
www.ti.com
SBFS036B – MAY 2015 – REVISED AUGUST 2015
9.3.4 Digital Audio Interface: S/PDIF Output
The PCM2704C/5C/6C/7C employ S/PDIF output. Isochronous-out data from the host are encoded to S/PDIF
output DOUT, as well as to DAC analog outputs VOUTL and VOUTR. The interface format and timing follow the
IEC-60958 standard. Monaural data are converted to the stereo format at the same data rate. S/PDIF output is
not supported in the I2S I/F enable mode. The implementation of this feature is optional.
NOTE
It is the responsibility of the user to determine whether or not to implement this feature in
the end application.
9.3.4.1 Channel Status Information
Channel status information is fixed, and includes consumer application, PCM mode, copyright, and digital/digital
converter data. All other bits are fixed as 0s, except for the sample frequency, which is set automatically
according to the data received through the USB.
9.3.4.2 Copyright Management
Digital audio data output is always encoded as original with SCMS control. Only one generation of digital
duplication is allowed.
9.3.5 Digital Audio Interface: I2S Interface Output (PCM2706C/7C)
The PCM2706C and PCM2707C can support the I2S interface, which is enabled by the FSEL pin (pin 9). In the
I2S interface-enabled mode, pins 4, 18, 19, 5, and 17 are assigned as DIN, SYSCK, BCK, LRCK, and DOUT,
respectively. These pins provide digital output/input data in the 16-bit I2S format, which is also accepted by the
internal DAC. Figure 1, Figure 2, and Figure 3 show the I2S interface format and timing. Audio Interface Timing
Characteristics and Audio Clock Timing Characteristics list the audio interface timing and audio clock timing
characteristics, respectively.
9.3.6 Descriptor Data Modification
The descriptor data can be modified through the I2C port by external ROM (PCM2704C/6C) or through the SPI
port by an SPI host such as an MCU (PCM2705C/7C) under a particular configuration of the PSEL and HOST
pins. Setting both the PSEL and the HOST pins high is necessary to modify the descriptor data; the D+ pin
pullup resistor must not be activated before programming the descriptor data through the external ROM or SPI
port is completed. The descriptor data must be sent from an external ROM to the PCM2704C/6C or from the SPI
host to the PCM2705C/7C in LSB first format, with a specified byte order. Additionally, the power attribute and
max power contents must be consistent with the PSEL setting and the power usage from the USB VBUS of the
end application. Therefore, the device does not support descriptor data modification in self-powered configuration
(PSEL = low).
9.3.7 External ROM Descriptor (PCM2704C/6C)
The PCM2704C/6C support an external ROM interface to override internal descriptors. Pin 3 (for the
PCM2704C) or pin 15 (for the PCM2706C) is assigned as DT (serial data), and pin 2 (for the PCM2704C) or pin
14 (for the PCM2706C) is assigned as CK (serial clock) of the I2C interface when using the external ROM
descriptor. Descriptor data are transferred from the external ROM to the PCM2704C/6C through the I2C interface
the first time when the device is activated after a power-on reset. Before completing a read of the external ROM,
the PCM2704C/6C reply with NACK for any USB command request from the host to the device itself. The
descriptor data, which can be in the external ROM, must meet these parameters:
•
String descriptors must be described in ANSI ASCII code (1 byte for each character).
•
String descriptors are converted automatically to unicode strings for transmission to the host.
•
The device address of the external ROM is fixed as 0xA0.
The data bits must be sent from LSB to MSB on the I2C bus. This condition means that each byte of data must
be stored with its bits in reverse order. A read operation is performed at a frequency of XTI/384 (approximately
30 kHz). The power attribute and max power contents must be consistent with the end application circuit
configuration (the PSEL setting and the actual power usage from VBUS of the USB connector); otherwise, it may
cause improper or unexpected PCM2704C/6C operation.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: PCM2704C PCM2705C PCM2706C PCM2707C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com