Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM2706C Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM2706C
Description  PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output and S/PDIF Output
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2706C Datasheet(HTML) 1 Page - Texas Instruments

  PCM2706C Datasheet HTML 1Page - Texas Instruments PCM2706C Datasheet HTML 2Page - Texas Instruments PCM2706C Datasheet HTML 3Page - Texas Instruments PCM2706C Datasheet HTML 4Page - Texas Instruments PCM2706C Datasheet HTML 5Page - Texas Instruments PCM2706C Datasheet HTML 6Page - Texas Instruments PCM2706C Datasheet HTML 7Page - Texas Instruments PCM2706C Datasheet HTML 8Page - Texas Instruments PCM2706C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
PCM2704C/5C/6C/7C
External ROM
Line Out
S/PDIF
USB
HID Controls
VDD
VCCL
VCCR
VCCP
AGNDR
AGNDL
ZGND
DGND
PGND
SPI
I2S
Burr-BrownAudio
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
PCM2704C, PCM2705C, PCM2706C, PCM2707C
SBFS036B – MAY 2015 – REVISED AUGUST 2015
PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output and
S/PDIF Output
1 Features
2 Applications
1
•
On-Chip USB Interface:
•
USB Headphones
•
USB Audio Speaker
–
No Dedicated Device Driver Needed
•
USB CRT/LCD Monitor
–
Full-Speed Transceivers
•
USB Audio Interface Box
–
Fully Compliant With USB 2.0 Specification
•
USB-Featured Consumer Audio Product
–
USB 1.1 Descriptors With USB Audio Class
Support
3 Description
–
Certified by USB-IF
The PCM270xC are TI's single-chip USB stereo
–
Partially Programmable Descriptors
audio digital-to-analog converters (DACs) with USB
–
Adaptive Isochronous Transfer for Playback
2.0
compliant
full-speed
protocol
controller
and
S/PDIF. The USB-protocol controller works with no
–
Bus-Powered or Self-Powered Operation
software code, but USB descriptors can be modified
•
Sampling Rates: 32 kHz, 44.1 kHz, and 48 kHz
in some areas (for example, vendor ID/product ID)
•
On-Chip Clock Generator With Single 12-MHz
through the use of an external ROM (PCM2704C and
Clock Source
PCM2706C)
or
serial
peripheral
interface
(SPI)
•
Single Power Supply:
(PCM2705C and PCM2707C). The PCM270xC also
employ SpAct™ architecture, TI's unique system that
–
Bus-Powered: 5 V, Typical (VBUS)
recovers the audio clock from USB packet data. On-
–
Self-Powered: 3.3 V, Typical
chip analog phase-locked loops (PLLs) with SpAct
•
16-Bit Delta-Sigma Stereo DAC
enable playback with low clock jitter.
–
Analog Performance at 5 V (Bus-Powered),
Device Information(1)
3.3 V (Self-Powered):
PART NUMBER
PACKAGE
BODY SIZE (NOM)
–
THD + N: 0.006% RL > 10 kΩ, Self-
PCM2704C
Powered
SSOP (28)
5.30 mm × 10.20 mm
PCM2705C
–
THD + N: 0.025% RL = 32 Ω
PCM2706C
–
SNR = 98 dB
TQFP (32)
7.00 mm × 7.00 mm
PCM2707C
–
Dynamic Range: 98 dB
(1) For all available packages, see the orderable addendum at
–
PO = 12 mW, RL = 32 Ω
the end of the data sheet.
–
Oversampling Digital Filter
Block Diagram
–
Passband Ripple = ±0.04 dB
–
Stop-Band Attenuation = –50 dB
–
Single-Ended Voltage Output
–
Analog LPF Included
•
Multiple Functions:
–
Up to Eight Human Interface Device (HID)
Interfaces (Model and Setting Dependent)
–
Suspend Flag
–
S/PDIF Out With SCMS
–
External ROM Interface (PCM2704C/6C)
–
Serial Programming Interface (PCM2705C/7C)
–
I2S Interface (Selectable on PCM2706C/7C)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - PCM2706C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2706C TI1-PCM2706C Datasheet
1Mb / 41P
Stereo Audio DAC with USB Interface Single-Ended Headphone Output and S/PDIF Output
PCM2706CPJT TI1-PCM2706CPJT Datasheet
969Kb / 40P
Stereo Audio DAC with USB Interface, Single-Ended Headphone Output and S/PDIF Output
PCM2706CPJT TI1-PCM2706CPJT Datasheet
1Mb / 47P
Stereo Audio DAC
PCM2706CPJTR TI1-PCM2706CPJTR Datasheet
969Kb / 40P
Stereo Audio DAC with USB Interface, Single-Ended Headphone Output and S/PDIF Output
PCM2706CPJTR TI1-PCM2706CPJTR Datasheet
1Mb / 47P
Stereo Audio DAC
More results

Similar Description - PCM2706C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2704 TI-PCM2704 Datasheet
331Kb / 33P
STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2704C TI1-PCM2704C Datasheet
969Kb / 40P
Stereo Audio DAC with USB Interface, Single-Ended Headphone Output and S/PDIF Output
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2704C TI1-PCM2704C_14 Datasheet
1Mb / 41P
Stereo Audio DAC with USB Interface Single-Ended Headphone Output and S/PDIF Output
PCM2704C TI-PCM2704C_15 Datasheet
1Mb / 47P
PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output andS/PDIF Output
PCM2707C TI-PCM2707C_15 Datasheet
1Mb / 47P
PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output and S/PDIF Output
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com