Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM4202DB Datasheet(PDF) 16 Page - Texas Instruments

Part # PCM4202DB
Description  High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM4202DB Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM4202DB Datasheet HTML 12Page - Texas Instruments PCM4202DB Datasheet HTML 13Page - Texas Instruments PCM4202DB Datasheet HTML 14Page - Texas Instruments PCM4202DB Datasheet HTML 15Page - Texas Instruments PCM4202DB Datasheet HTML 16Page - Texas Instruments PCM4202DB Datasheet HTML 17Page - Texas Instruments PCM4202DB Datasheet HTML 18Page - Texas Instruments PCM4202DB Datasheet HTML 19Page - Texas Instruments PCM4202DB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
PCM4202
SBAS290B − JULY 2003 − SEPTEMBER 2004
www.ti.com
16
DSDBCK
DSDL
DSDR
D
N−3 DN−2 DN−1
D
N DN+1 DN+2 DN+3 DN+4
Figure 4. DSD Output Data Format
AUDIO SERIAL PORT OPERATION
This section provides additional details regarding the
PCM4202 audio serial port, utilized for 24-bit linear PCM
or 1-bit DSD output data. PCM output operation will be
described in this section, while DSD output mode
operation will be described in the following section.
For PCM data formats, the serial port is comprised of three
signals: BCK (pin 16), LRCK (pin 17), and DATA (pin 15).
The BCK signal functions as the data (or bit) clock for the
serial audio data. The LRCK is the left/right word clock for
the audio serial port. The LRCK and BCK clocks must be
synchronous. The DATA signal is the serial audio data
output, with data being clocked out on the falling edge of
the BCK signal. DATA carries audio data for both the Left
and Right channels.
As mentioned in the Audio Data Format section of this
datasheet, the audio serial port can operate in Master or
Slave mode. In Master mode, the BCK and LRCK clock
signals are outputs, derived from the system clock input,
SCKI. The BCK clock is fixed at 128fS for Single Rate
sampling mode, and at 64fS for Dual or Quad Rate
sampling modes. The LRCK clock operates at fS, the
output sampling rate (that is, 48kHz, 96kHz, etc.).
In Slave mode, the BCK and LRCK signals are inputs, with
the clocks being generated by a master timing source,
such as a DSP serial port, PLL clock synthesizer, or a
crystal oscillator/divider circuit. The BCK rate is typically
equal to 128fS in Single Rate sampling mode, and 64fS in
Dual or Quad Rate sampling modes. Although other BCK
clock rates are possible, they are not recommended as a
result if potential clock phase sensitivity issues, which can
degrade the dynamic performance of the PCM4202. The
LRCK clock must be operated at fS, the output sampling
rate.
Figure 5
illustrates
the
typical
audio
serial
port
connections between a PCM4202 and an audio signal
processor when using the PCM output data formats.
Figure 6 illustrates the audio serial port timing for both the
Master and Slave modes of operation.
LRCK
BCK
DATA
FSX
CLKR
DR
System Clock
PCM4202
DSP
SCKI
Figure 5. Typical Audio Serial Port Connections
for Left Justified, Right Justified, and I2S Data
Formats
LRCK
BCK
DATA
t
BCKDO
t
BCKP
t
BCKHL
t
LRCKHL
t
LRCKHL
t
LRCKHL
PARAMETE R
DESCRIP TIO N
MIN
MAX
UNITS
5
µs
2.25
µs
78
ns
35
ns
ns
10
LRCK Period
LRCK High/Low Time
BCK Period
BCK High/Low Time
SDOUT Data Output Delay from BCK Falling Edge
t
LRCKP
t
LRCKHL
t
BCKP
t
BCKHL
t
BCKDO
Figure 6. Master and Slave Mode Audio Serial Port Timing: Left Justified, Right Justified, and Philips I2S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com