Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM4202DB Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM4202DB
Description  High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM4202DB Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM4202DB Datasheet HTML 2Page - Texas Instruments PCM4202DB Datasheet HTML 3Page - Texas Instruments PCM4202DB Datasheet HTML 4Page - Texas Instruments PCM4202DB Datasheet HTML 5Page - Texas Instruments PCM4202DB Datasheet HTML 6Page - Texas Instruments PCM4202DB Datasheet HTML 7Page - Texas Instruments PCM4202DB Datasheet HTML 8Page - Texas Instruments PCM4202DB Datasheet HTML 9Page - Texas Instruments PCM4202DB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
PCM4202
SBAS290B − JULY 2003 − SEPTEMBER 2004
www.ti.com
6
ELECTRICAL CHARACTERISTICS (continued)
All parameters are specified at TA = +25°C with VCC = +5V, VDD = +3.3V, and a measurement bandwidth from 20Hz to 20kHz, unless otherwise
noted. System clock frequency is equal to 256fS for Single and Dual Rate sampling modes, and 128fS for Quad Rate sampling mode.
PCM4202
PARAMETER
UNITS
MAX
TYP
MIN
CONDITIONS
DIGITAL DECIMATION FILTER
Passband edge
Single and Dual Rate
0.453fS
Hz
Passband ripple
Single and Dual Rate
±0.005
dB
Passband edge
Single and Dual Rate
0.547fS
Hz
Stop band attenuation
Single and Dual Rate
−100
dB
Group delay
Single and Dual Rate
37/fS
sec
Passband edge (−0.005dB)
Quad Rate
0.375fS
Hz
−3dB cutoff frequency
Quad Rate
0.490fS
Hz
Passband ripple
Quad Rate
±0.005
dB
Passband edge
Quad Rate
0.770fS
Hz
Stop band attenuation
Quad Rate
−135
dB
Group delay
Quad Rate
9.5/fS
sec
DIGITAL HIGH PASS FILTER
Frequency response (−3dB)
fS/48000
Hz
POWER SUPPLY
Voltage range
VCC
+4.75
+5.0
+5.25
VDC
VDD
+3.0
+3.3
+3.6
VDC
Operating supply current
VCC = +5V, VDD = +3.3V
fS = 48kHz, Single Rate
55
65
mA
fS = 96kHz, Dual Rate
55
65
mA
fS = 192kHz, Quad Rate
55
65
mA
IDD
VCC = +5V, VDD = +3.3V
fS = 48kHz, Single Rate
10
12
mA
fS = 96kHz, Dual Rate
19
25
mA
fS = 192kHz, Quad Rate
13
15
mA
Power-down mode current
VCC = +5V, VDD = +3.3V, RST = 0
ICC
Clocks applied
10
mA
IDD
Clocks applied
2
mA
Total power dissipation
VCC = +5V, VDD = +3.3V
fS = 48kHz, Single Rate
308
365
mW
fS = 96kHz, Dual Rate
338
408
mW
fS = 192kHz, Quad Rate
318
375
mW
(1) Applies to the RST input, pin 19.
(2) Single, Dual, and Quad Rate sampling modes are described within this data sheet.
(3) Dynamic performance parameters are measured using an Audio Precision System Two Cascade or Cascade Plus test system. The
measurement bandwidth is limited by using the Audio Precision 22Hz high-pass filter in combination with the Audio Precision 20kHz, fS/2, or
a user-defined 40kHz low-pass filter. All A-weighted measurements are performed using the Audio Precision A-weighting filter in combination
with the previously mentioned filters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com