Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM5121 Datasheet(PDF) 24 Page - Texas Instruments

Part # PCM5121
Description  PCM512x 2-VRMS DirectPath™, 112-dB and 106-dB Audio Stereo DACs With 32-Bit, 384-kHz PCM Interface
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5121 Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM5121 Datasheet HTML 20Page - Texas Instruments PCM5121 Datasheet HTML 21Page - Texas Instruments PCM5121 Datasheet HTML 22Page - Texas Instruments PCM5121 Datasheet HTML 23Page - Texas Instruments PCM5121 Datasheet HTML 24Page - Texas Instruments PCM5121 Datasheet HTML 25Page - Texas Instruments PCM5121 Datasheet HTML 26Page - Texas Instruments PCM5121 Datasheet HTML 27Page - Texas Instruments PCM5121 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 121 page
background image
−0.05
−0.04
−0.03
−0.02
−0.01
0.00
0.01
0.02
0.03
0.04
0.05
0.0
0.25
0.5
Frequency (x fS)
G028
−120
−100
−80
−60
−40
−20
0
0
0.5
1
Frequency (x fS)
G006
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
50
60
70
80
90
100
Samples
G017
24
PCM5121, PCM5122
SLAS763C – AUGUST 2012 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: PCM5121 PCM5122
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
Table 11. Normal x2 Interpolation Filter, Quad Rate
PARAMETER
CONDITION
VALUE (TYP)
VALUE (MAX)
UNIT
Filter Gain Pass Band
0 ……. 0.45 × fS
dB
Filter Gain Stop Band
0.55 × fS ….. 1.455 × fS
dB
Filter Group Delay
20 / fs
S
SPACE
Figure 25. Normal x2 Interpolation Filter
Frequency Response
Figure 26. Normal x2 Interpolation Filter
Impulse Response
Figure 27. Normal x2 Interpolation Filter Passband Ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com