Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA836IDBVT Datasheet(PDF) 40 Page - Texas Instruments

Part # OPA836IDBVT
Description  OPAx836 Very-Low-Power, Rail-to-Rail Out, Negative Rail In, Voltage-Feedback Operational Amplifiers
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA836IDBVT Datasheet(HTML) 40 Page - Texas Instruments

Back Button OPA836IDBVT Datasheet HTML 36Page - Texas Instruments OPA836IDBVT Datasheet HTML 37Page - Texas Instruments OPA836IDBVT Datasheet HTML 38Page - Texas Instruments OPA836IDBVT Datasheet HTML 39Page - Texas Instruments OPA836IDBVT Datasheet HTML 40Page - Texas Instruments OPA836IDBVT Datasheet HTML 41Page - Texas Instruments OPA836IDBVT Datasheet HTML 42Page - Texas Instruments OPA836IDBVT Datasheet HTML 43Page - Texas Instruments OPA836IDBVT Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
9.2.2 Active Filters
The OPA836 and OPA2836 devices are good choices for active filters. Figure 9-15 and Figure 9-16 show MFB
and Sallen-Key circuits designed using the WEBENCH® Filter Designer to implement second-order low-pass
Butterworth filter circuits. Figure 9-17 shows the frequency response.
Other MFB and Sallen-Key filter circuits offer similar performance. The main difference is the MFB is an inverting
amplifier in the pass-band and the Sallen-Key is noninverting. The primary advantage for each is the Sallen-Key
in unity gain has no resistor gain-error term, and thus no sensitivity to gain error, while the MFB has better
attenuation properties beyond the bandwidth of the operational amplifier.
OPA 836
330 pF
1.24 kW
1.24 kW
2.80 kW
2.2 nF
Figure 9-15. MFB 100-kHz Second-Order Low-Pass Butterworth Filter Circuit
OPA836
330 pF
562 W
6.19 kW
2.2 nF
Figure 9-16. Sallen-Key 100-kHz Second-Order Low-Pass Butterworth Filter Circuit
9.2.2.1 Application Curve
-40
-30
-20
-10
0
1k
10k
100k
1M
f - Frequency - Hz
Sallen-Key
MFB
V = 5 V,
V
= 100 mV
S
OUT
pp
Figure 9-17. MFB and Sallen-Key Second Order Low-Pass Butterworth Filter Response
OPA836, OPA2836
SLOS712J – JANUARY 2011 – REVISED MARCH 2021
www.ti.com
40
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA836 OPA2836



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com