Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA836IDBVT Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA836IDBVT
Description  OPAx836 Very-Low-Power, Rail-to-Rail Out, Negative Rail In, Voltage-Feedback Operational Amplifiers
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA836IDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA836IDBVT Datasheet HTML 9Page - Texas Instruments OPA836IDBVT Datasheet HTML 10Page - Texas Instruments OPA836IDBVT Datasheet HTML 11Page - Texas Instruments OPA836IDBVT Datasheet HTML 12Page - Texas Instruments OPA836IDBVT Datasheet HTML 13Page - Texas Instruments OPA836IDBVT Datasheet HTML 14Page - Texas Instruments OPA836IDBVT Datasheet HTML 15Page - Texas Instruments OPA836IDBVT Datasheet HTML 16Page - Texas Instruments OPA836IDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
7.7 Electrical Characteristics: VS = 5 V (continued)
at VS+ = +5 V, VS– = 0 V, VOUT = 2 VPP, RF = 0 Ω, RL = 1 kΩ, G = 1 V/V, input and output referenced to mid-supply. TA =
25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL(1)
Input offset voltage drift(2)
TA = 0°C to 70°C
–6.3
±1.05
6.3
µV/°C
B
TA = –40°C to 85°C
–6.1
±1
6.1
TA = –40°C to 125°C
–6.8
±1.1
6.8
Input bias current(3)
TA = 25°C
300
650
1000
nA
A
TA = 0°C to 70°C
190
1400
B
TA = –40°C to 85°C
120
1550
TA = –40°C to 125°C
120
1850
Input bias current drift(2)
TA = 0°C to 70°C
±0.34
±2
nA/°C
B
TA = –40°C to 85°C
±0.34
±2
TA = –40°C to 125°C
±0.38
±2.3
DC PERFORMANCE (continued)
Input offset current
TA = 25°C
±30
±180
nA
A
TA = 0°C to 70°C
±30
±200
B
TA = –40°C to 85°C
±30
±215
TA = –40°C to 125°C
±30
±250
Input offset current drift(2)
TA = 0°C to 70°C
±80
±480
pA/°C
B
TA = –40°C to 85°C
±100
±600
TA = –40°C to 125°C
±110
±660
INPUT
Common-mode input range low
TA = 25°C,
< 3-dB degradation in CMRR limit
–0.2
0
V
A
TA = –40°C to 125°C,
< 3-dB degradation in CMRR limit
–0.2
0
V
B
Common-mode input range high
TA = 25°C,
< 3-dB degradation in CMRR limit
3.8
3.9
V
A
TA = –40°C to 125°C,
< 3-dB degradation in CMRR limit
3.8
3.9
V
B
Input linear operating voltage range
TA = 25°C,
< 6-dB degradation in THD
–0.3 to 4.05
V
C
Common-mode rejection ratio
94
116
dB
A
Input impedance common mode
100 || 1.2
MΩ || pF
C
Input impedance differential mode
100 || 1
kΩ || pF
C
OUTPUT
Output voltage low
TA = 25°C, G = 5
0.15
0.2
V
A
TA = –40°C to 125°C, G = 5
0.15
0.2
V
B
Output voltage high
TA = 25°C, G = 5
4.75
4.8
V
A
TA = –40°C to 125°C, G = 5
4.75
4.8
V
B
Output saturation voltage, high/low
TA = 25°C, G = 5
100/50
mV
C
Output current drive
TA = 25°C
±40
±50
mA
A
TA = –40°C to 125°C
±40
±50
mA
B
GAIN SETTING RESISTORS (OPA836IRUN ONLY)
Resistor FB1 to FB2
DC resistance
1584
1600
1616
Ω
A
Resistor FB2 to FB3
DC resistance
1188
1200
1212
Ω
A
Resistor FB3 to FB4
DC resistance
396
400
404
Ω
A
Resistor tolerance
DC resistance
–1
1%
A
Resistor temperature coefficient
DC resistance
<10
PPM
C
POWER SUPPLY
Specified operating voltage
2.5
5.5
V
B
www.ti.com
OPA836, OPA2836
SLOS712J – JANUARY 2011 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA836 OPA2836



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com