Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM5102APWR Datasheet(PDF) 7 Page - Texas Instruments

Part # PCM5102APWR
Description  PCM510xA 2.1 VRMS, 112/106/100 dB Audio Stereo DAC with PLL and 32-bit, 384 kHz PCM Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5102APWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM5102APWR Datasheet HTML 3Page - Texas Instruments PCM5102APWR Datasheet HTML 4Page - Texas Instruments PCM5102APWR Datasheet HTML 5Page - Texas Instruments PCM5102APWR Datasheet HTML 6Page - Texas Instruments PCM5102APWR Datasheet HTML 7Page - Texas Instruments PCM5102APWR Datasheet HTML 8Page - Texas Instruments PCM5102APWR Datasheet HTML 9Page - Texas Instruments PCM5102APWR Datasheet HTML 10Page - Texas Instruments PCM5102APWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
PCM5100A, PCM5101A, PCM5102A
PCM5100A-Q1, PCM5101A-Q1, PCM5102A-Q1
www.ti.com
SLAS859C – MAY 2012 – REVISED MAY 2015
8.5 Electrical Characteristics
Q1 Automotive grade devices are specified for TA = –40°C to 125°C. Consumer grade (non-Q1) devices are specified at TA =
25°C. All devices in the family are characterized with AVDD = CPVDD = DVD = 3.3 V, fS = 48 kHz, system clock = 512 fS and
24-bit data unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
16
24
32
Bits
Data Format (PCM Mode)
Audio data bit length
16
24
32
Bits
fS
(1)
Sampling frequency
8
384
kHz
Clock multiples: 64, 128, 192, 256, 384,
fSCK
System clock frequency
512, 768, 1024, 1152, 1536, 2048, or
50
MHz
3072
Digital Input/Output for non-Q1 Consumer Grade Devices
Logic family: 3.3 V LVCMOS compatible
VIH
0.7×DVDD
Input logic level
V
VIL
0.3×DVDD
IIH
VIN = VDD
10
Input logic current
µA
IIL
VIN = 0 V
–10
VOH
IOH = –4 mA
0.8×DVDD
Output logic level
V
VOL
IOL = 4 mA
0.22×DVDD
Logic family 1.8 V LVCMOS compatible
VIH
0.7×DVDD
Input logic level
V
VIL
0.3×DVDD
IIH
VIN = VDD
10
Input logic current
µA
IIL
VIN = 0 V
–10
VOH
IOH = –2 mA
0.8×DVDD
Output logic level
V
VOL
IOL = 2 mA
0.22×DVDD
Digital Input/Output for Q1 Automotive Grade Devices
Logic family: 3.3 V LVCMOS compatible
VIH
0.7×DVDD
Input logic level
V
VIL
0.3×DVDD
IIH
VIN = VDD
10
Input logic current
µA
IIL
VIN = 0 V
–10
VOH
IOH = –4 mA
0.8×DVDD
Output logic level
V
VOL
IOL = 4 mA
0.22×DVDD
Logic family 1.8 V LVCMOS compatible
VIH
0.7×DVDD
Input logic level
V
VIL
0.3×DVDD
IIH
VIN = VDD
10
Input logic current
µA
IIL
VIN = 0 V
–10
VOH
IOH = –2 mA
0.8×DVDD
Output logic level
V
VOL
IOL = 2 mA
0.3×DVDD
(1)
One sample time is defined as the reciprocal of the sampling frequency. 1tS = 1/fS
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: PCM5100A PCM5101A PCM5102A PCM5100A-Q1 PCM5101A-Q1 PCM5102A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com