Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM5102APWR Datasheet(PDF) 8 Page - Texas Instruments

Part # PCM5102APWR
Description  PCM510xA 2.1 VRMS, 112/106/100 dB Audio Stereo DAC with PLL and 32-bit, 384 kHz PCM Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5102APWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM5102APWR Datasheet HTML 4Page - Texas Instruments PCM5102APWR Datasheet HTML 5Page - Texas Instruments PCM5102APWR Datasheet HTML 6Page - Texas Instruments PCM5102APWR Datasheet HTML 7Page - Texas Instruments PCM5102APWR Datasheet HTML 8Page - Texas Instruments PCM5102APWR Datasheet HTML 9Page - Texas Instruments PCM5102APWR Datasheet HTML 10Page - Texas Instruments PCM5102APWR Datasheet HTML 11Page - Texas Instruments PCM5102APWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
PCM5100A, PCM5101A, PCM5102A
PCM5100A-Q1, PCM5101A-Q1, PCM5102A-Q1
SLAS859C – MAY 2012 – REVISED MAY 2015
www.ti.com
Electrical Characteristics (continued)
Q1 Automotive grade devices are specified for TA = –40°C to 125°C. Consumer grade (non-Q1) devices are specified at TA =
25°C. All devices in the family are characterized with AVDD = CPVDD = DVD = 3.3 V, fS = 48 kHz, system clock = 512 fS and
24-bit data unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Dynamic Performance (PCM Mode)(2)(3)
PCM5102A
–93
–83
dB
fS = 48 kHz
PCM5101A
–92
–82
PCM5100A
–90
–80
THD+N at –1 dBFS(3)
PCM5102A
–93
fS = 96 kHz and 192 kHz
PCM5101A
–92
PCM5100A
–90
PCM5102A
106
112
EIAJ, A-weighted, fS = 48
PCM5101A
100
106
kHz
PCM5100A
95
100
Dynamic range(3)
PCM5102A
112
EIAJ, A-weighted, fS = 96
PCM5101A
106
kHz and 192 kHz
PCM5100A
100
PCM5102A
112
EIAJ, A-weighted, fS = 48
PCM5101A
106
kHz
PCM5100A
100
Signal-to-noise ratio(3)
PCM5102A
112
EIAJ, A-weighted, fS = 96
PCM5101A
106
kHz and 192 kHz
PCM5100A
100
EIAJ, A-weighted, fS = 48 kHz
113
123
Signal to noise ratio with analog
EIAJ, A-weighted, fS = 96 kHz and 192
123
mute(3)(4)
kHz
PCM5102A
100
109
fS = 48 kHz
PCM5101A
95
103
PCM5100A
90
97
PCM5102A
109
Channel separation
fS = 96 kHz
PCM5101A
103
PCM5100A
97
PCM5102A
109
fS = 192 kHz
PCM5101A
103
PCM5100A
97
(2)
Filter condition: THD+N: 20-Hz HPF, 20-kHz AES17 LPF; Dynamic range: 20-Hz HPF, 20-kHz AES17 LPF; A-weighted signal-to-noise
ratio: 20-Hz HPF, 20-kHz AES17 LPF; A-weighted channel separation: 20-Hz HPF, 20-kHz AES17 LPF. Analog performance
specifications are measured using the System Two Cascade™ audio measurement system by Audio Precision™ in the RMS mode.
(3)
Output load is 10 k
Ω, with 470-Ω output resistor and a 2.2-nF shunt capacitor (see recommended output filter).
(4)
Assert XSMT or both L-ch and R-ch PCM data are Bipolar Zero.
8
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: PCM5100A PCM5101A PCM5102A PCM5100A-Q1 PCM5101A-Q1 PCM5102A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com