Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP6246IUDX Datasheet(PDF) 57 Page - STMicroelectronics

Part # STM8AP6246IUDX
Description  Automotive 8-bit MCU, with up to 32 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP6246IUDX Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM8AP6246IUDX Datasheet HTML 53Page - STMicroelectronics STM8AP6246IUDX Datasheet HTML 54Page - STMicroelectronics STM8AP6246IUDX Datasheet HTML 55Page - STMicroelectronics STM8AP6246IUDX Datasheet HTML 56Page - STMicroelectronics STM8AP6246IUDX Datasheet HTML 57Page - STMicroelectronics STM8AP6246IUDX Datasheet HTML 58Page - STMicroelectronics STM8AP6246IUDX Datasheet HTML 59Page - STMicroelectronics STM8AP6246IUDX Datasheet HTML 60Page - STMicroelectronics STM8AP6246IUDX Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 99 page
background image
DocID14952 Rev 11
57/99
STM8AF6246/48/66/68
Electrical characteristics
93
10.3.3
External clock sources and timing characteristics
HSE user external clock
Subject to general operating conditions for VDD and TA.
Figure 12. Typ. IDD(RUN)HSI vs. VDD
@ fCPU = 16 MHz, peripheral = off
Figure 13. Typ. IDD(WFI)HSE vs. VDD
@ fCPU = 16 MHz, peripheral = on
0
1
2
3
4
2.5
3.5
4.5
5.5
6.5
VDD [V]
25°C
85°C
125°C
0
1
2
3
4
5
6
2.5
3.5
4.5
5.5
6.5
VDD [V]
25°C
85°C
125°C
Figure 14. Typ. IDD(WFI)HSE vs. fCPU
@ VDD = 5.0 V, peripheral = on
Figure 15. Typ. IDD(WFI)HSI vs. VDD
@ fCPU = 16 MHz, peripheral = off
0
1
2
3
4
5
6
0
5
10
15
20
25
30
fcpu [MHz]
25°C
85°C
125°C
0
0.5
1
1.5
2
2.5
2.53
3.54
4.55
5.5
6
V
DD [V]
25°C
85°C
125°C
Table 28. HSE user external clock characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSE_ext
User external clock source
frequency
TA is -40 to
150 °C
0(1)
1. In CSS is used, the external clock must have a frequency above 500 kHz.
-16
MHz
VHSEdHL Comparator hysteresis
-
0.1 x VDD
--
V
VHSEH
OSCIN input pin high level
voltage
-
0.7 x VDD
-VDD
VHSEL
OSCIN input pin low level
voltage
-VSS
-
0.3 x VDD
ILEAK_HSE
OSCIN input leakage
current
VSS < VIN < VDD
-1
-
+1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com