Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP6246IUDX Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM8AP6246IUDX
Description  Automotive 8-bit MCU, with up to 32 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP6246IUDX Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM8AP6246IUDX Datasheet HTML 27Page - STMicroelectronics STM8AP6246IUDX Datasheet HTML 28Page - STMicroelectronics STM8AP6246IUDX Datasheet HTML 29Page - STMicroelectronics STM8AP6246IUDX Datasheet HTML 30Page - STMicroelectronics STM8AP6246IUDX Datasheet HTML 31Page - STMicroelectronics STM8AP6246IUDX Datasheet HTML 32Page - STMicroelectronics STM8AP6246IUDX Datasheet HTML 33Page - STMicroelectronics STM8AP6246IUDX Datasheet HTML 34Page - STMicroelectronics STM8AP6246IUDX Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 99 page
background image
DocID14952 Rev 11
31/99
STM8AF6246/48/66/68
Pinouts and pin description
93
6.2
Alternate function remapping
As shown in the rightmost column of Table 8, some alternate functions can be remapped at
different I/O ports by programming one of eight AFR (alternate function remap) option bits.
Refer to Section 9: Option bytes on page 44. When the remapping option is active, the
default alternate function is no longer available.
To use an alternate function, the corresponding peripheral must be enabled in the peripheral
registers.
Alternate function remapping does not effect GPIO capabilities of the I/O ports (see the
GPIO section of STM8S series and STM8AF series 8-bit microcontrollers reference manual,
RM0016).
47
31
PD6/
LINUART_RX
I/O X
XX
-
O1 X
X Port D6 LINUART data receive -
48
32 PD7/TLI(8)
I/O X
XX
-
O1 X
X Port D7 Top level interrupt
-
1. Refer to Table 7 for the definition of the abbreviations.
2. Reset state is shown in bold.
3. In Halt/Active-halt mode this pad behaves in the following way:
- the input/output path is disabled
- if the HSE clock is used for wakeup, the internal weak pull up is disabled
- if the HSE clock is off, internal weak pull up setting from corresponding OR bit is used
By managing the OR bit correctly, it must be ensured that the pad is not left floating during Halt/Active-halt.
4. On this pin, a pull-up resistor as specified in Table 35. I/O static characteristics is enabled during the reset phase of the
product.
5. AIN12 is not selectable in ADC scan mode or with analog watchdog.
6. In the open-drain output column, ‘T’ defines a true open-drain I/O (P-buffer, week pull-up, and protection diode to VDD are
not implemented)
7. The PD1 pin is in input pull-up during the reset phase and after reset release.
8. If this pin is configured as interrupt pin, it will trigger the TLI.
Table 8. STM8AF6246/48/66/68 (32 Kbyte) microcontroller pin description(1)(2) (continued)
Pin
number
Pin name
Input
Output
Default alternate
function
Alternate
function after
remap
[option bit]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com