Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AF6266IUDX Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM8AF6266IUDX
Description  Automotive 8-bit MCU, with up to 32 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6266IUDX Datasheet(HTML) 1 Page - STMicroelectronics

  STM8AF6266IUDX Datasheet HTML 1Page - STMicroelectronics STM8AF6266IUDX Datasheet HTML 2Page - STMicroelectronics STM8AF6266IUDX Datasheet HTML 3Page - STMicroelectronics STM8AF6266IUDX Datasheet HTML 4Page - STMicroelectronics STM8AF6266IUDX Datasheet HTML 5Page - STMicroelectronics STM8AF6266IUDX Datasheet HTML 6Page - STMicroelectronics STM8AF6266IUDX Datasheet HTML 7Page - STMicroelectronics STM8AF6266IUDX Datasheet HTML 8Page - STMicroelectronics STM8AF6266IUDX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 99 page
background image
This is information on a product in full production.
June 2016
DocID14952 Rev 11
1/99
STM8AF6246 STM8AF6248
STM8AF6266 STM8AF6268
Automotive 8-bit MCU, with up to 32 Kbyte Flash, data EEPROM,
10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
Datasheet
- production data
Features
• AEC-Q10x qualified
• Core
–Max fCPU: 16 MHz
– Advanced STM8A core with Harvard
architecture and 3-stage pipeline
– Average 1.6 cycles/instruction resulting in
10 MIPS at 16 MHz fCPU for industry
standard benchmark
• Memories
– Flash Program memory: 16 to 32 Kbyte
Flash; data retention 20 years at 55 °C
after 1 kcycle
– Data memory: 0.5 to 1 Kbyte true data
EEPROM; endurance 300 kcycle
– RAM: 2 Kbyte
• Clock management
– Low-power crystal resonator oscillator with
external clock input
– Internal, user-trimmable 16 MHz RC and
low-power 128 kHz RC oscillators
– Clock security system with clock monitor
• Reset and supply management
– Wait/auto-wakeup/Halt low-power modes
with user definable clock gating
– Low consumption power-on and power-
down reset
• Interrupt management
– Nested interrupt controller with 32 vectors
– Up to 34 external interrupts on 5 vectors
• Timers
– Up to 2 general purpose 16-bit PWM timers
with up to 3 CAPCOM channels each (IC,
OC or PWM)
– Advanced control timer: 16-bit, 4 CAPCOM
channels, 3 complementary outputs, dead-
time insertion and flexible synchronization
– 8-bit AR basic timer with 8-bit prescaler
– Auto-wakeup timer
– Window and independent watchdog timers
• Communication interfaces
–LINUART
– LIN 2.2 compliant, master/slave modes
with automatic resynchronization
– SPI interface up to 8 Mbit/s or fMASTER/2
–I2C interface up to 400 Kbit/s
• Analog-to-digital converter (ADC)
– 10-bit accuracy, 2LSB TUE accuracy, 2LSB
TUE linearity ADC and up to 10 multiplexed
channels with individual data buffer
– Analog watchdog, scan and continuous
sampling mode
• I/Os
– Up to 38 user pins including 10 HS I/Os
– Highly robust I/O design, immune against
current injection
• Operating temperature up to 150 °C
• Qualification conforms to AEC-Q100 rev G
LQFP48
LQFP32
VFQFPN32
(5x5 mm)
(7x7 mm)
(7x7 mm)
www.st.com


Similar Part No. - STM8AF6266IUDX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8AF6266 STMICROELECTRONICS-STM8AF6266 Datasheet
1Mb / 89P
Automotive 8-bit MCU, with up to 32 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
18-Jul-2012
More results

Similar Description - STM8AF6266IUDX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72324BXX STMICROELECTRONICS-ST72324BXX Datasheet
2Mb / 188P
8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
10-Oct-2007
STM8AF61XX STMICROELECTRONICS-STM8AF61XX Datasheet
1Mb / 100P
Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
22-Aug-2008
STM8AF6268 STMICROELECTRONICS-STM8AF6268 Datasheet
1Mb / 89P
Automotive 8-bit MCU, with up to 32 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
18-Jul-2012
STM8AF52AATAY STMICROELECTRONICS-STM8AF52AATAY Datasheet
1Mb / 114P
Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
31-Mar-2014
STM8AF528ATAY STMICROELECTRONICS-STM8AF528ATAY Datasheet
1Mb / 114P
Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
31-Mar-2014
STM8AF526X STMICROELECTRONICS-STM8AF526X Datasheet
1Mb / 125P
Automotive 8-bit MCU, with up to 128 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
10-Nov-2016
STM8AF6213 STMICROELECTRONICS-STM8AF6213 Datasheet
1Mb / 106P
Automotive 8-bit MCU, with up to 8 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, IC, 3 to 5.5 V
26-Jun-2015
STM8AF6213 STMICROELECTRONICS-STM8AF6213_V01 Datasheet
2Mb / 112P
Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I²C, 3 to 5.5 V
01-Apr-2020
STM8AF6366 STMICROELECTRONICS-STM8AF6366 Datasheet
1Mb / 95P
Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
02-Apr-2020
STM8AF6388 STMICROELECTRONICS-STM8AF6388 Datasheet
1Mb / 116P
Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
24-Oct-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com