Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AF6266IUDX Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM8AF6266IUDX
Description  Automotive 8-bit MCU, with up to 32 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6266IUDX Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM8AF6266IUDX Datasheet HTML 25Page - STMicroelectronics STM8AF6266IUDX Datasheet HTML 26Page - STMicroelectronics STM8AF6266IUDX Datasheet HTML 27Page - STMicroelectronics STM8AF6266IUDX Datasheet HTML 28Page - STMicroelectronics STM8AF6266IUDX Datasheet HTML 29Page - STMicroelectronics STM8AF6266IUDX Datasheet HTML 30Page - STMicroelectronics STM8AF6266IUDX Datasheet HTML 31Page - STMicroelectronics STM8AF6266IUDX Datasheet HTML 32Page - STMicroelectronics STM8AF6266IUDX Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 99 page
background image
DocID14952 Rev 11
29/99
STM8AF6246/48/66/68
Pinouts and pin description
93
Table 8. STM8AF6246/48/66/68 (32 Kbyte) microcontroller pin description(1)(2)
Pin
number
Pin name
Input
Output
Default alternate
function
Alternate
function after
remap
[option bit]
1
1 NRST
I/O
-
X
-
-
-
-
- Reset
-
22 PA1/OSCIN(3)
I/O X
X-
-
O1 X
X Port A1 Resonator/crystal in
-
3
3 PA2/OSCOUT
I/O X
XX
-
O1 X
X Port A2 Resonator/crystal out
-
4-
VSSIO_1
S
-
-
-
-
-
-
- I/O ground
-
54 VSS
S
-
-
-
-
-
-
- Digital ground
-
6
5 VCAP
S
-
-
-
-
-
-
- 1.8 V regulator capacitor
-
76 VDD
S
-
-
-
-
-
-
- Digital power supply
-
87 VDDIO_1
S
-
-
-
-
-
-
- I/O power supply
-
-
8 PF4/AIN12(4)(5)
I/O X
X-
O1 X
X Port F4 Analog input 12
-
9
-
PA3/TIM2_CH3
I/O X
XX
-
O1 X
X Port A3 Timer 2 - channel 3
TIM3_CH1
[AFR1]
10
-
PA4
I/O X
XX
-
O3 X
X Port A4
-
11
-
PA5
I/O X
XX
-
O3 X
X Port A5
-
12
-
PA6
I/O X
XX
-
O3 X
X Port A6
-
13
9 VDDA
S
-
-
-
-
-
-
- Analog power supply
-
14
10 VSSA
S
-
-
-
-
-
-
- Analog ground
-
15
-
PB7/AIN7
I/O X
XX
-
O1 X
X Port B7 Analog input 7
-
16
-
PB6/AIN6
I/O X
XX
-
O1 X
X Port B6 Analog input 6
-
17
11 PB5/AIN5
I/O X
XX
-
O1 X
X Port B5 Analog input 5
I2C_SDA
[AFR6]
18
12 PB4/AIN4
I/O X
XX
-
O1 X
X Port B4 Analog input 4
I2C_SCL
[AFR6]
19
13 PB3/AIN3
I/O X
XX
-
O1 X
X Port B3 Analog input 3
TIM1_ETR
[AFR5]
20
14 PB2/AIN2
I/O X
XX
-
O1 X
X Port B2 Analog input
TIM1_NCC3
[AFR5]
21
15 PB1/AIN1
I/O X
XX
-
O1 X
X Port B1 Analog input 1
TIM1_NCC2
[AFR5]
22
16 PB0/AIN0
I/O X
XX
-
O1 X
X Port B0 Analog input 0
TIM1_NCC1
[AFR5]
23
-
PE7/AIN8
I/O X
X-
O1 X
X Port E7 Analog input 8
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com