Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICSXXXXYGLFT Datasheet(PDF) 17 Page - Integrated Circuit Systems

Part # ICSXXXXYGLFT
Description  Low Power Clock Chip for Serverworks HT2400 Servers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICSXXXXYGLFT Datasheet(HTML) 17 Page - Integrated Circuit Systems

Back Button ICSXXXXYGLFT Datasheet HTML 12Page - Integrated Circuit Systems ICSXXXXYGLFT Datasheet HTML 13Page - Integrated Circuit Systems ICSXXXXYGLFT Datasheet HTML 14Page - Integrated Circuit Systems ICSXXXXYGLFT Datasheet HTML 15Page - Integrated Circuit Systems ICSXXXXYGLFT Datasheet HTML 16Page - Integrated Circuit Systems ICSXXXXYGLFT Datasheet HTML 17Page - Integrated Circuit Systems ICSXXXXYGLFT Datasheet HTML 18Page - Integrated Circuit Systems ICSXXXXYGLFT Datasheet HTML 19Page - Integrated Circuit Systems ICSXXXXYGLFT Datasheet HTML 20Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
ICS932S825
1276D—10/25/07
SMBus Table: CPU Spread Spectrum Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
Reserved
Reserved
R
-
-
0
Bit 6
SSP14
RW
X
Bit 5
SSP13
RW
X
Bit 4
SSP12
RW
X
Bit 3
SSP11
RW
X
Bit 2
SSP10
RW
X
Bit 1
SSP9
RW
X
Bit 0
SSP8
RW
X
SMBus Table: Programmable Output Divider Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
CPUDiv3
RW
X
Bit 6
CPUDiv2
RW
X
Bit 5
CPUDiv1
RW
X
Bit 4
CPUDiv0
RW
X
Bit 3
Reserved
Reserved
R
-
-
0
Bit 2
Reserved
Reserved
R
-
-
0
Bit 1
Reserved
Reserved
R
-
-
0
Bit 0
Reserved
Reserved
R
-
-
0
SMBus Table: Programmable Output Divider Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
33MHzDiv3
RW
X
Bit 6
33MHzDiv2
RW
X
Bit 5
33MHzDiv1
RW
X
Bit 4
33MHzDiv0
RW
X
Bit 3
SRC_Div3
RW
X
Bit 2
SRC_Div2
RW
X
Bit 1
SRC_Div1
RW
X
Bit 0
SRC_Div0
RW
X
SMBusTable: Reserved Regsiter
Byte 21 is reserved do not write this register!
-
-
-
-
Byte 18
-
-
-
-
-
-
-
-
-
Byte 20
-
-
-
-
-
Spread Spectrum
Programming bit(14:8)
-
-
-
-
Byte 19
-
-
SRC Divider Ratio Table
CPU Divider Ratio
Programming Bits
SRC_ Divider Ratio
Programming Bits
33MHz Divider Ratio
Programming Bits
33MHz Divider Ratio Table
See CPU Divider Ratios
Table
These Spread Spectrum bits
in Byte 13 and 14 will
program the spread
pecentage of CPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com