Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICSXXXXYGLFT Datasheet(PDF) 18 Page - Integrated Circuit Systems

Part # ICSXXXXYGLFT
Description  Low Power Clock Chip for Serverworks HT2400 Servers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICSXXXXYGLFT Datasheet(HTML) 18 Page - Integrated Circuit Systems

Back Button ICSXXXXYGLFT Datasheet HTML 12Page - Integrated Circuit Systems ICSXXXXYGLFT Datasheet HTML 13Page - Integrated Circuit Systems ICSXXXXYGLFT Datasheet HTML 14Page - Integrated Circuit Systems ICSXXXXYGLFT Datasheet HTML 15Page - Integrated Circuit Systems ICSXXXXYGLFT Datasheet HTML 16Page - Integrated Circuit Systems ICSXXXXYGLFT Datasheet HTML 17Page - Integrated Circuit Systems ICSXXXXYGLFT Datasheet HTML 18Page - Integrated Circuit Systems ICSXXXXYGLFT Datasheet HTML 19Page - Integrated Circuit Systems ICSXXXXYGLFT Datasheet HTML 20Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
ICS932S825
1276D—10/25/07
Fig. 1
Shared Pin Operation -
Input/Output Pins
The I/O pins designated by (input/output) on the
ICS932S825 serve as dual signal functions to the device.
During initial power-up, they act as input pins. The logic
level (voltage) that is present on these pins at this time
is read and stored into a 5-bit internal data latch. At the
end of Power-On reset, (see AC characteristics for timing
values), the device changes the mode of operations for
these pins to an output function. In this mode the pins
produce the specified buffered clocks to external loads.
To program (load) the internal configuration register for
these pins, a resistor is connected to either the VDD
(logic 1) power supply or the GND (logic 0) voltage
potential. A 10 Kilohm (10K) resistor is used to provide
both the solid CMOS programming voltage needed during
the power-up programming period and to provide an
insignificant load on the output clock during the subsequent
operating period.
Via to
VDD
Clock trace to load
Series Term. Res.
Programming
Header
Via to Gnd
Device
Pad
2K
W
8.2K
W
Figure 1 shows a means of implementing this function
when a switch or 2 pin header is used. With no jumper is
installed the pin will be pulled high. With the jumper in
place the pin will be pulled low. If programmability is not
necessary, than only a single resistor is necessary. The
programming resistors should be located close to the
series termination resistor to minimize the current loop
area. It is more important to locate the series termination
resistor close to the driver than the programming resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com