Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICSXXXXCGLFT Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICSXXXXCGLFT
Description  PCIe Gen 2 main Clock for Intel-based Servers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICSXXXXCGLFT Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICSXXXXCGLFT Datasheet HTML 8Page - Integrated Circuit Systems ICSXXXXCGLFT Datasheet HTML 9Page - Integrated Circuit Systems ICSXXXXCGLFT Datasheet HTML 10Page - Integrated Circuit Systems ICSXXXXCGLFT Datasheet HTML 11Page - Integrated Circuit Systems ICSXXXXCGLFT Datasheet HTML 12Page - Integrated Circuit Systems ICSXXXXCGLFT Datasheet HTML 13Page - Integrated Circuit Systems ICSXXXXCGLFT Datasheet HTML 14Page - Integrated Circuit Systems ICSXXXXCGLFT Datasheet HTML 15Page - Integrated Circuit Systems ICSXXXXCGLFT Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12
Integrated
Circuit
Systems, Inc.
ICS932S422C
1412A—12/10/07
SMBus Table: CPU and SRC Stop and Power Down Mode Drive Control Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
CPUCLK3 PD Drive
Drive Mode in PD
RW
Driven
Hi-Z
0
Bit 6
CPUCLK2 PD Drive
Drive Mode in PD
RW
Driven
Hi-Z
0
Bit 5
CPUCLK1 PD Drive
Drive mode in PD
RW
Driven
Hi-Z
0
Bit 4
CPUCLK0 PD Drive
Drive mode in PD
RW
Driven
Hi-Z
0
Bit 3
0
Bit 2
0
Bit 1
0
Bit 0
0
SMBus Table: Output and Spread Spectrum Control Register
Byte 5
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
CPUCLK4 PD Drive
Drive Mode in PD
RW
Driven
Hi-Z
0
Bit 6
SRC Stop Drive Mode
Driven in STOP
RW
Driven
Hi-Z
0
Bit 5
SRC PD Drive Mode
Driven in PD
RW
Driven
Hi-Z
0
Bit 4
0
Bit 3
0
Bit 2
0
Bit 1
0
Bit 0
0
SMBus Table: Device ID Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
Test Mode Selection
Test Mode Selection
RW
Hi-Z
REF/N
0
Bit 6
Test Clock Mode Entry
Test Mode
RW
Disable
Enable
0
Bit 5
0
Bit 4
REF Drive Strength
1X or 2X
RW
1X
2X
1
Bit 3
PCI_STOP Control
Stop non-free running PC
and SRC clocks.
RW
Stop
Run
1
Bit 2
FS_C
FS_C readback
R
Latch
Bit 1
FS_B
FS_B readback
R
Latch
Bit 0
FS_A
FS_A readback
R
Latch
SMBus Table: Vendor & Revision ID Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
RID3
R
-
-
0
Bit 6
RID2
R
-
-
0
Bit 5
RID1
R
-
-
1
Bit 4
RID0
R
-
-
0
Bit 3
VID3
R
-
-
0
Bit 2
VID2
R
-
-
0
Bit 1
VID1
R
-
-
0
Bit 0
VID0
R
-
-
1
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
See 932S422 Functionality
Table
VENDOR ID
REVISION ID
-
-
-
32,31
SRC
SRC
-
-
Byte 7
-
39,40
36,37
PCI, SRC
54,55
-
-
-
-
-
-
Byte 6
Byte 4
42,43
-
-
-
-
-
45,46
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com