Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICSXXXXCGLFT Datasheet(PDF) 14 Page - Integrated Circuit Systems

Part # ICSXXXXCGLFT
Description  PCIe Gen 2 main Clock for Intel-based Servers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICSXXXXCGLFT Datasheet(HTML) 14 Page - Integrated Circuit Systems

Back Button ICSXXXXCGLFT Datasheet HTML 10Page - Integrated Circuit Systems ICSXXXXCGLFT Datasheet HTML 11Page - Integrated Circuit Systems ICSXXXXCGLFT Datasheet HTML 12Page - Integrated Circuit Systems ICSXXXXCGLFT Datasheet HTML 13Page - Integrated Circuit Systems ICSXXXXCGLFT Datasheet HTML 14Page - Integrated Circuit Systems ICSXXXXCGLFT Datasheet HTML 15Page - Integrated Circuit Systems ICSXXXXCGLFT Datasheet HTML 16Page - Integrated Circuit Systems ICSXXXXCGLFT Datasheet HTML 17Page - Integrated Circuit Systems ICSXXXXCGLFT Datasheet HTML 18Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
14
Integrated
Circuit
Systems, Inc.
ICS932S422C
1412A—12/10/07
SMBus Table: CPU Frequency Control Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
CPU N Div8
N Divider Prog bit 8
RW
X
Bit 6
CPU N Div9
N Divider Prog bit 9
RW
X
Bit 5
CPU M Div5
RW
X
Bit 4
CPU M Div4
RW
X
Bit 3
CPU M Div3
RW
X
Bit 2
CPU M Div2
RW
X
Bit 1
CPU M Div1
RW
X
Bit 0
CPU M Div0
RW
X
SMBus Table: CPU Frequency Control Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
CPU N Div7
RW
X
Bit 6
CPU N Div6
RW
X
Bit 5
CPU N Div5
RW
X
Bit 4
CPU N Div4
RW
X
Bit 3
CPU N Div3
RW
X
Bit 2
CPU N Div2
RW
X
Bit 1
CPU N Div1
RW
X
Bit 0
CPU N Div0
RW
X
SMBus Table: CPU Spread Spectrum Control Register
Byte 13
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
CPU SSP7
RW
X
Bit 6
CPU SSP6
RW
X
Bit 5
CPU SSP5
RW
X
Bit 4
CPU SSP4
RW
X
Bit 3
CPU SSP3
RW
X
Bit 2
CPU SSP2
RW
X
Bit 1
CPU SSP1
RW
X
Bit 0
CPU SSP0
RW
X
SMBus Table: CPU Spread Spectrum Control Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
0
Bit 6
CPU SSP14
RW
X
Bit 5
CPU SSP13
RW
X
Bit 4
CPU SSP12
RW
X
Bit 3
CPU SSP11
RW
X
Bit 2
CPU SSP10
RW
X
Bit 1
CPU SSP9
RW
X
Bit 0
CPU SSP8
RW
X
The decimal representation of
M and N Divider in Byte 11 and
12 will configure the CPU VCO
frequency. Default at power
up = latch-in or Byte 0 Rom
table. VCO Frequency =
14.318 x [NDiv(9:0)+8] /
[MDiv(5:0)+2]
Spread Spectrum
Programming bit(7:0)
N Divider Programming
Byte12 bit(7:0) and
Byte11 bit(7:6)
Reserved
These Spread Spectrum bits in
Byte 13 and 14 will program
the spread pecentage of CPU
The decimal representation of
M and N Divider in Byte 11 and
12 will configure the CPU VCO
frequency. Default at power
up = latch-in or Byte 0 Rom
table. VCO Frequency =
14.318 x [NDiv(9:0)+8] /
[MDiv(5:0)+2]
M Divider Programming
bit (5:0)
These Spread Spectrum bits in
Byte 13 and 14 will program
the spread pecentage of CPU
Spread Spectrum
Programming bit(14:8)
Byte 12
Byte 14
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Byte 11
-
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com