Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99PM62GXP Datasheet(PDF) 97 Page - STMicroelectronics

Part # L99PM62GXP
Description  Power management IC with LIN and high speed CAN
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62GXP Datasheet(HTML) 97 Page - STMicroelectronics

Back Button L99PM62GXP Datasheet HTML 93Page - STMicroelectronics L99PM62GXP Datasheet HTML 94Page - STMicroelectronics L99PM62GXP Datasheet HTML 95Page - STMicroelectronics L99PM62GXP Datasheet HTML 96Page - STMicroelectronics L99PM62GXP Datasheet HTML 97Page - STMicroelectronics L99PM62GXP Datasheet HTML 98Page - STMicroelectronics L99PM62GXP Datasheet HTML 99Page - STMicroelectronics L99PM62GXP Datasheet HTML 100Page - STMicroelectronics L99PM62GXP Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 102 page
background image
L99PM62GXP
ST SPI
Doc ID 17639 Rev 4
97/102
Status register 3
Table 103. Status register 3: command and data bytes
Command byte
1st data byte
2nd data byte
Read/write
Address
Bit <15:8>
Bit<7:0>
x
x
010
011
Data, 8bit
Data, 8 bit
Table 104. Status register 3, data bytes
1st data byte <15:8>
2nd data byte <7:0>
Function
TSD1 TW
Device
state_2
Device
state_1
V1
fail
V1
restart_2
V1
restart_1
V1
restart_0
WD
fail_3
WD
fail_2
WD
fail_1
WD
fail_0
Forced
sleep
WD
Forced
sleep
TSD2
SHTV1
WD
timer
state_1
WD
timer
state_0
Group
Diagnosis 5
Diagnosis 6
Table 105. Status register 3, bits
Bit
Name
Comment
Information storage
15
TSD1
Thermal warning / shutdown1 occurred since last readout
Bit is latched until a
“read and clear access”
14
TW
13
Device_state
State from which the device woke up
Bit is latched until a
“read and clear access”
after a “read and clear
access”, the device
state is updated
after a wake up, device
state is
01: V1 standby
or
10: VBAT standby
12
Device state_2
Device state_1
State from
which the
device woke
up
00
Active
01
V1 standby
10
VBAT standby
11
Flash
11
V1_fail
V1 fail (V1 < 2 V for t > 2 µs) event occurred since last read out
Bit is latched until a
“read and clear access”
10
V1_restart_2
Number of TSD2 events which caused a restart of V1
regulator
(7 TSD2 events forces the device into VBAT standby)
Bits are not clearable;
is cleared automatically
if no additional TSD2
event occurs within 1
min.
9V1_restart_1
8V1_restart_0
7WD_fail_3
Number of missing watchdog triggers
(15 missing watchdog trigger forces the device into VBAT
standby)
Bits are not clearable;
is cleared with a proper
Watchdog trigger
6WD_fail_2
5WD_fail_1
4WD_fail_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com