Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33461 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 33461
Description  Assorted Kits and Accessories
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

33461 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  33461 Datasheet HTML 1Page - TE Connectivity Ltd 33461 Datasheet HTML 2Page - TE Connectivity Ltd 33461 Datasheet HTML 3Page - TE Connectivity Ltd 33461 Datasheet HTML 4Page - TE Connectivity Ltd 33461 Datasheet HTML 5Page - TE Connectivity Ltd 33461 Datasheet HTML 6Page - TE Connectivity Ltd 33461 Datasheet HTML 7Page - TE Connectivity Ltd 33461 Datasheet HTML 8Page - TE Connectivity Ltd 33461 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Assorted Kits and Accessories
Section Catalog 1654381-1
Issued 4-2010.
Main Catalog 1654400-1
Chapter 42 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
42-4
Service Kit
Part No. 725929-1
This Kit was specifically designed
for maintenance, service and
repair of cars and trucks.
It contains 17 different terminals
and splices tuned to automotive
requirements.
For a reliable crimp the SUPER
CHAMP II hand tool, a multi-
purpose tool with a metric bolt
cutter, wire strip and cut facilities
is included. This Kit is convenient
for the installation of automotive
accessories and other electrical
modifications.
PLASTI-GRIP Butt Splice
1.0–2.6
34071-0
20
PLASTI-GRIP Butt Splice
2.7–6.6
34072-0
15
PLASTI-GRIP Ring Tongue; M6
2.7–6.6
165035-0
15
PLASTI-GRIP Ring Tongue; M4
0.5–1.0
34148-0
50
PLASTI-GRIP Ring Tongue; M4
1.0–2.6
34160-0
50
PLASTI-GRIP Ring Tongue; M5
1.0–2.6
130102-0
50
Round Pin Receptacle 5.0 mm
–
165400-1
20
Circular Pin 5.0 mm
–
160215-0
20
FASTON Receptacle insulated; 6.3 x 0.8
1.0–2.5
735160-0
20
PLASTI-GRIP Ring Tongue; M8
1.0–2.6
160296-0
15
PIDG FASTON Receptacle; 6.3 x 0.8
0.5–1.6
9-160583-2
50
PIDG FASTON Receptacle with tab; 6.3 x 0.8
1.0–2.6
9-160463-2
50
PIDG FASTON Receptacle; 6.3 x 0.8
1.0–2.6
9-160313-2
50
PIDG FASTON Receptacle; 6.3 x 0.8
2.7–6.6
160314-2
40
PIDG FASTIN-FASTON Receptacle; 8.0 x 0.75
1.0–2.6
9-160326-2
20
PIDG FASTON Tab; 6.3 x 0.8
1.0–2.6
140971-2
40
ELECTRO-TAP
1.0–2.5
735398-0
5
SUPER CHAMP Hand Tool
–
169060-8
1
Wire Size
(mm2)
Package
Quantity
Description
Part Number
Service Kit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com