Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33461 Datasheet(PDF) 9 Page - TE Connectivity Ltd

Part # 33461
Description  Assorted Kits and Accessories
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

33461 Datasheet(HTML) 9 Page - TE Connectivity Ltd

Back Button 33461 Datasheet HTML 2Page - TE Connectivity Ltd 33461 Datasheet HTML 3Page - TE Connectivity Ltd 33461 Datasheet HTML 4Page - TE Connectivity Ltd 33461 Datasheet HTML 5Page - TE Connectivity Ltd 33461 Datasheet HTML 6Page - TE Connectivity Ltd 33461 Datasheet HTML 7Page - TE Connectivity Ltd 33461 Datasheet HTML 8Page - TE Connectivity Ltd 33461 Datasheet HTML 9Page - TE Connectivity Ltd 33461 Datasheet HTML 10Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Empty Box
Assorted Kits and Accessories
Section Catalog 1654381-1
Issued 4-2010.
Main Catalog 1654400-1
Chapter 42 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
42-9
Empty Box
Part No. 132526-1
We offer this empty box made
of durable plastic, which you can
individually equip with Tyco
Electronics products according
to your specific needs. The box
consists of one hand tool parti-
tion, ten standard partitions and
one double partition. For placing
additional products in the box
you can order dividers separately.
Either four dividers with Size I,
or two dividers with Size II will
fit in a standard partition.
Box Color:
Gray
Box Size:
300 x 250 x 35 mm
Partition Divider
Size I:
60 x 22 mm
Part No. 131419-1
Size II: 60 x 35 mm
Part No. 131419-2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com