Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3233AIDBVT Datasheet(PDF) 6 Page - Texas Instruments

Part # REF3233AIDBVT
Description  4ppm/°C, 100μA, SOT23-6 SERIES VOLTAGE REFERENCE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3233AIDBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button REF3233AIDBVT Datasheet HTML 2Page - Texas Instruments REF3233AIDBVT Datasheet HTML 3Page - Texas Instruments REF3233AIDBVT Datasheet HTML 4Page - Texas Instruments REF3233AIDBVT Datasheet HTML 5Page - Texas Instruments REF3233AIDBVT Datasheet HTML 6Page - Texas Instruments REF3233AIDBVT Datasheet HTML 7Page - Texas Instruments REF3233AIDBVT Datasheet HTML 8Page - Texas Instruments REF3233AIDBVT Datasheet HTML 9Page - Texas Instruments REF3233AIDBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
1.2525
1.2520
1.2515
1.2510
1.2505
1.2500
1.2495
1.2490
1.2485
1.2480
1.2475
1.5
2.5
3.5
3
4.5
4
2
5
InputVoltage(V)
+125 C
°
+25 C
°
-
°
40 C
2.505
2.504
2.503
2.502
2.501
2.500
2.499
2.498
2.497
2.496
2.495
-15
-10
-5
0
5
10
15
LoadCurrent(mA)
+125 C
°
+25 C
°
-
°
40 C
400ms/div
OutputAccuracy(%)
10 s/div
m
V
IN
V
OUT
100ms/div
V
IN
V
OUT
REF3212, REF3220
REF3225, REF3230
REF3233, REF3240
SBVS058C
– JUNE 2005 – REVISED AUGUST 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, ILOAD = 0mA, VIN = +5V power supply, and REF3225 used for typical characteristics, unless otherwise noted.
OUTPUT VOLTAGE vs INPUT VOLTAGE
(REF3212)
OUTPUT VOLTAGE vs LOAD CURRENT
Figure 7.
Figure 8.
0.1Hz TO 10Hz NOISE
OUTPUT VOLTAGE INITIAL ACCURACY
Figure 9.
Figure 10.
STEP RESPONSE
STEP RESPONSE
CL = 0pF, 5V STARTUP
CL = 1µF
Figure 11.
Figure 12.
6
Copyright
© 2005–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com