Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3233AIDBVT Datasheet(PDF) 11 Page - Texas Instruments

Part # REF3233AIDBVT
Description  4ppm/°C, 100μA, SOT23-6 SERIES VOLTAGE REFERENCE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3233AIDBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button REF3233AIDBVT Datasheet HTML 7Page - Texas Instruments REF3233AIDBVT Datasheet HTML 8Page - Texas Instruments REF3233AIDBVT Datasheet HTML 9Page - Texas Instruments REF3233AIDBVT Datasheet HTML 10Page - Texas Instruments REF3233AIDBVT Datasheet HTML 11Page - Texas Instruments REF3233AIDBVT Datasheet HTML 12Page - Texas Instruments REF3233AIDBVT Datasheet HTML 13Page - Texas Instruments REF3233AIDBVT Datasheet HTML 14Page - Texas Instruments REF3233AIDBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
-2.5V
+2.5V
+5V
1
2
5
6
3
4
R
1
10kW
R
2
10kW
-5V
+5V
OPA735
REF3225
ADS7822
REF3233
V
CC
CS
D
OUT
DCLOCK
V
REF
+In
-In
GND
GND
V
IN
V
S
+
+
5W
1mFto10mF
0.47 F
m
1 Fto10 F
m
m
0.1 F
m
Microcontroller
V+
3.3V
2
1
3
5
6
4
REF3212, REF3220
REF3225, REF3230
REF3233, REF3240
www.ti.com
SBVS058C
– JUNE 2005 – REVISED AUGUST 2011
APPLICATION CIRCUITS
NEGATIVE REFERENCE VOLTAGE
For applications requiring a negative and positive
reference voltage, the REF32xx and OPA735 can be
used to provide a dual-supply reference from a
±5V
supply. Figure 25 shows the REF3225 used to
provide a
±2.5V supply reference voltage. The low
drift performance of the REF32xx complements the
low offset voltage and zero drift of the OPA735 to
provide
an
accurate
solution
for
split-supply
applications. Care must be taken to match the
temperature coefficients of R1 and R2.
DATA ACQUISITION
Data acquisition systems often require stable voltage
references to maintain accuracy. The REF32xx family
features stability and a wide range of voltages
NOTE:: Bypass capacitor is not shown.
suitable
for
most
microcontrollers
and
data
converters. Figure 26, Figure 27, and Figure 28 show
Figure 25. REF3225 Combined with OPA735 to
basic data acquisition systems.
Create Positive and Negative Reference Voltages
Figure 26. Basic Data Acquisition System 1
Copyright
© 2005–2011, Texas Instruments Incorporated
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com