Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT86DBR Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ACT86DBR
Description  SNx4ACT86 Quadruple 2-Input Exclusive-OR Gates
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ACT86DBR Datasheet(HTML) 1 Page - Texas Instruments

  SN74ACT86DBR Datasheet HTML 1Page - Texas Instruments SN74ACT86DBR Datasheet HTML 2Page - Texas Instruments SN74ACT86DBR Datasheet HTML 3Page - Texas Instruments SN74ACT86DBR Datasheet HTML 4Page - Texas Instruments SN74ACT86DBR Datasheet HTML 5Page - Texas Instruments SN74ACT86DBR Datasheet HTML 6Page - Texas Instruments SN74ACT86DBR Datasheet HTML 7Page - Texas Instruments SN74ACT86DBR Datasheet HTML 8Page - Texas Instruments SN74ACT86DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
SNx4ACT86 Quadruple 2-Input Exclusive-OR Gates
1 Features
• 4.5V to 5.5V VCC operation
• Inputs accept voltages to 5.5V
• Max tpd of 10ns at 5V
• Inputs are TTL-voltage compatible
2 Description
The ’ACT86 devices are quadruple 2-input exclusive-
OR gates. The devices perform the Boolean functions
Y = A
⊕ B or Y = AB + AB in positive logic.
A common application is as a true/complement
element. If one of the inputs is low, the other input
is reproduced in true form at the output. If one of
the inputs is high, the signal on the other input is
reproduced inverted at the output.
Device Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BODY SIZE(3)
SNx4ACT86
DB (SSOP, 14)
6.2mm × 7.8mm
6.2mm × 5.3mm
D (SOIC, 14)
8.65mm × 6mm
8.65mm × 3.9mm
N (PDIP, 14)
19.3mm × 9.4mm
19.3mm × 6.35 mm
NS (SO, 14)
10.2mm × 7.8mm
10.3mm × 5.3mm
PW (TSSOP, 14)
5mm × 6.4mm
5mm × 4.4mm
BQA (WQFN)
3mm × 2.5mm
3mm × 2.5mm
(1)
For more information, see Section 10.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
Exclusive-OR Logic
SN54ACT86, SN74ACT86
SCAS534E – AUGUST 1995 – REVISED APRIL 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74ACT86DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT86DBR TI-SN74ACT86DBR Datasheet
514Kb / 15P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN74ACT86DBR TI1-SN74ACT86DBR Datasheet
1Mb / 20P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN74ACT86DBRE4 TI-SN74ACT86DBRE4 Datasheet
514Kb / 15P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
More results

Similar Description - SN74ACT86DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5486 TI-SN5486 Datasheet
647Kb / 15P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54ACT86 TI-SN54ACT86 Datasheet
514Kb / 15P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54ALS86 TI-SN54ALS86 Datasheet
95Kb / 6P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54HC86 TI-SN54HC86 Datasheet
497Kb / 14P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54LVC86A TI-SN54LVC86A Datasheet
520Kb / 17P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Hitachi Semiconductor
HD74LS86 HITACHI-HD74LS86 Datasheet
43Kb / 5P
Quadruple 2-input Exclusive-OR Gates
logo
List of Unclassifed Man...
GD54LS86 ETC1-GD54LS86 Datasheet
56Kb / 2P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Texas Instruments
SN54AHC86 TI-SN54AHC86_08 Datasheet
1Mb / 23P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Renesas Technology Corp
HD74LS86 RENESAS-HD74LS86 Datasheet
59Kb / 5P
Quadruple 2-input Exclusive-OR Gates
logo
Texas Instruments
8404601DA TI1-8404601DA Datasheet
1Mb / 20P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com