Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS160 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS160
Description  60 V, 1 A power Schottky rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS160 Datasheet(HTML) 3 Page - STMicroelectronics

  STPS160 Datasheet HTML 1Page - STMicroelectronics STPS160 Datasheet HTML 2Page - STMicroelectronics STPS160 Datasheet HTML 3Page - STMicroelectronics STPS160 Datasheet HTML 4Page - STMicroelectronics STPS160 Datasheet HTML 5Page - STMicroelectronics STPS160 Datasheet HTML 6Page - STMicroelectronics STPS160 Datasheet HTML 7Page - STMicroelectronics STPS160 Datasheet HTML 8Page - STMicroelectronics STPS160 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
1.1
Characteristics (curves)
Figure 1. Average forward power dissipation versus
average forward current
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
P
(W)
F(AV)
T
δ =tp/T
tp
δ= 1
δ= 0.5
δ= 0.2
δ= 0.1
δ= 0.05
I
(A)
F(AV)
Figure 2. Average forward current versus ambient
temperature (δ = 0.5)
0
25
5 0
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
I
(A)
F(AV)
T
δ=tp/T
tp
SM B
R
= 80 °C/ W
S
=1.5cm
th(j-a)
(CU)
2
T
(°C)
amb
SMB R
R
th(j-a)
t h(j-I)
SM A
R
=100°C/W
S
=1.5cm
th(j-a)
(CU)
2
Figure 3. Normalized avalanche power derating versus
pulse duration (Tj = 125 °C)
P
(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
Figure 4. Relative variation of thermal impedance junction
to ambient versus pulse duration (SMB)
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Z
/R
th(j-a)
th(j-a)
t (s)
p
Single pulse
Figure 5. Relative variation of thermal impedance junction
to ambient versus pulse duration (SMA)
1E-2
1E-1
1E+0
1E+1
1E+2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Z
/R
th(j-a)
th(j-a)
t (s)
p
Single pulse
Figure 6. Reverse leakage current versus reverse voltage
applied (typical values)
0
5
10
15
20
25
30
35
40
45
50
55
60
1E-1
1E+0
1E+1
1E+2
1E+3
I (µA)
R
V (V)
R
T =100°C
j
T =75°C
j
T =25°C
j
STPS160
Characteristics (curves)
DS0962 - Rev 10
page 3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com