Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS160 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS160
Description  60 V, 1 A power Schottky rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS160 Datasheet(HTML) 4 Page - STMicroelectronics

  STPS160 Datasheet HTML 1Page - STMicroelectronics STPS160 Datasheet HTML 2Page - STMicroelectronics STPS160 Datasheet HTML 3Page - STMicroelectronics STPS160 Datasheet HTML 4Page - STMicroelectronics STPS160 Datasheet HTML 5Page - STMicroelectronics STPS160 Datasheet HTML 6Page - STMicroelectronics STPS160 Datasheet HTML 7Page - STMicroelectronics STPS160 Datasheet HTML 8Page - STMicroelectronics STPS160 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Figure 7. Junction capacitance versus reverse voltage
applied (typical values)
1
2
5
1 0
20
50
100
10
20
50
100
200
C (pF)
V (V)
R
F=1MHz
T =25°C
j
Figure 8. Forward voltage drop versus forward current
(maximum values)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1E-2
1E-1
1E+0
1E+1
I
(A)
FM
V
(V)
FM
T =125°C
j
T =25°C
j
Figure 9. Thermal resistance junction to ambient versus
copper surface under each lead (SMB)
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
(°C/W)
th(j-a)
SMB
S(Cu)(cm²)
Epoxy p ri nted ci rcuit board FR4, coppe r t hickness: 35 µm
Figure 10. Thermal resistance junction to ambient versus
copper surface under each lead (SMA)
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
(°C/W)
th(j-a)
SMA
S(Cu)(cm²)
Epoxy printed circuit board FR4, copper thickness: 35 µm
Figure 11. Thermal resistance junction to ambient versus copper surface under each lead (SMA Flat
Notch)
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
(°C/W)
th(j-a)
S(Cu)(cm²)
Epoxy printed circuit board FR4, copper thickness: 35 µm
SMA Flat Notch
STPS160
Characteristics (curves)
DS0962 - Rev 10
page 4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com