Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS340B-TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPS340B-TR
Description  40 V, 3 A power Schottky rectifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS340B-TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STPS340B-TR Datasheet HTML 2Page - STMicroelectronics STPS340B-TR Datasheet HTML 3Page - STMicroelectronics STPS340B-TR Datasheet HTML 4Page - STMicroelectronics STPS340B-TR Datasheet HTML 5Page - STMicroelectronics STPS340B-TR Datasheet HTML 6Page - STMicroelectronics STPS340B-TR Datasheet HTML 7Page - STMicroelectronics STPS340B-TR Datasheet HTML 8Page - STMicroelectronics STPS340B-TR Datasheet HTML 9Page - STMicroelectronics STPS340B-TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Figure 13. Thermal resistance junction to ambient versus
copper surface under each lead (SMB)
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
(°C/W)
th(j-a)
SMB
S(Cu)(cm²)
Epoxy p ri nted ci rcuit board FR4, coppe r t hickness: 35 µm
Figure 14. Thermal resistance junction to ambient versus
copper surface under each lead (SMB flat)
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SCu(cm²)
Rth(j-a) (°C/W)
SMB flat
Epoxy printed circuit board FR4, e
Cu = 35 µm
Figure 15. Thermal resistance junction to ambient versus
copper surface under each lead (SMC)
0
20
40
60
80
100
120
140
160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Rth(j-a) (°C/W)
SCu(cm²)
SMC
Epoxy p ri nted ci rcuit board FR4, coppe r t hickness: 35 µm
Figure 16. Thermal resistance junction to ambient versus
copper surface under tab (DPAK)
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
SCu(cm²)
Rth(j-a) (°C/W)
DPAK
Epoxy printed circuit board, copper thickness: 35 µm
STPS340
Characteristics (curves)
DS0792 - Rev 13
page 6/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com