Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS340B-TR Datasheet(PDF) 17 Page - STMicroelectronics

Part # STPS340B-TR
Description  40 V, 3 A power Schottky rectifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS340B-TR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STPS340B-TR Datasheet HTML 11Page - STMicroelectronics STPS340B-TR Datasheet HTML 12Page - STMicroelectronics STPS340B-TR Datasheet HTML 13Page - STMicroelectronics STPS340B-TR Datasheet HTML 14Page - STMicroelectronics STPS340B-TR Datasheet HTML 15Page - STMicroelectronics STPS340B-TR Datasheet HTML 16Page - STMicroelectronics STPS340B-TR Datasheet HTML 17Page - STMicroelectronics STPS340B-TR Datasheet HTML 18Page - STMicroelectronics STPS340B-TR Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
3
Ordering information
Table 9. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
STPS340AFN
A340
SMA Flat Notch
0.039 g
10 000
Tape and reel
STPS340U
U34
SMB
0.107 g
2500
Tape and reel
STPS340UF
FU34
SMB Flat
0.050 g
5000
Tape and reel
STPS340S
S34
SMC
0.243 g
10 000
Tape and reel
STPS340B-TR
S3 40
DPAK
0.320 g
2500
Tape and reel
STPS340
Ordering Information
DS0792 - Rev 13
page 17/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com