Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3330AIDCKT Datasheet(PDF) 4 Page - Texas Instruments

Part # REF3330AIDCKT
Description  REF33xx 3.9-μA, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/°C Drift Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3330AIDCKT Datasheet(HTML) 4 Page - Texas Instruments

  REF3330AIDCKT Datasheet HTML 1Page - Texas Instruments REF3330AIDCKT Datasheet HTML 2Page - Texas Instruments REF3330AIDCKT Datasheet HTML 3Page - Texas Instruments REF3330AIDCKT Datasheet HTML 4Page - Texas Instruments REF3330AIDCKT Datasheet HTML 5Page - Texas Instruments REF3330AIDCKT Datasheet HTML 6Page - Texas Instruments REF3330AIDCKT Datasheet HTML 7Page - Texas Instruments REF3330AIDCKT Datasheet HTML 8Page - Texas Instruments REF3330AIDCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
NC
NC
IN
6
5
4
NC
NC
NC
1
2
3
8
7
OUT
GND
1
IN
2
OUT
3
GND
4
REF3312, REF3318, REF3320, REF3325, REF3330, REF3333
SBOS392H – AUGUST 2007 – REVISED AUGUST 2019
www.ti.com
Product Folder Links: REF3312 REF3318 REF3320 REF3325 REF3330 REF3333
Submit Documentation Feedback
Copyright © 2007–2019, Texas Instruments Incorporated
5 Device Comparison
PRODUCT
DESCRIPTION
REF3312
1.25 V
REF3318
1.8 V
REF3320
2.048 V
REF3325
2.5 V
REF3330
3.0 V
REF3333
3.3 V
6 Pin Configuration and Functions
REF3312, REF3318, REF3320, REF3325, REF3330, REF3333
DBZ Package and DCK Package
SOT-23-3, SC70-3
(Top View)
REF3312, REF3318, REF3320, REF3325, REF3330, REF3333
RSE Package
UQFN-8
(Top View)
Table 1. Pin Functions
PIN
DESCRIPTION
NAME
DBZ, DCK
RSE
GND
3
4
Ground
IN
1
5
Input supply voltage
NC
—
1, 2, 3, 6, 7
Not connected
OUT
2
8
Output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com