Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3330AIDCKT Datasheet(PDF) 5 Page - Texas Instruments

Part # REF3330AIDCKT
Description  REF33xx 3.9-μA, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/°C Drift Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3330AIDCKT Datasheet(HTML) 5 Page - Texas Instruments

  REF3330AIDCKT Datasheet HTML 1Page - Texas Instruments REF3330AIDCKT Datasheet HTML 2Page - Texas Instruments REF3330AIDCKT Datasheet HTML 3Page - Texas Instruments REF3330AIDCKT Datasheet HTML 4Page - Texas Instruments REF3330AIDCKT Datasheet HTML 5Page - Texas Instruments REF3330AIDCKT Datasheet HTML 6Page - Texas Instruments REF3330AIDCKT Datasheet HTML 7Page - Texas Instruments REF3330AIDCKT Datasheet HTML 8Page - Texas Instruments REF3330AIDCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
5
REF3312, REF3318, REF3320, REF3325, REF3330, REF3333
www.ti.com
SBOS392H – AUGUST 2007 – REVISED AUGUST 2019
Product Folder Links: REF3312 REF3318 REF3320 REF3325 REF3330 REF3333
Submit Documentation Feedback
Copyright © 2007–2019, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
See the Power-Supply Recommendations section of this data sheet.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted).
(1)
MIN
MAX
UNIT
Voltage
Input voltage
7.5
V
Output voltage
5
Current
Output short-circuit, ISC
(2)
180
mA
Temperature
Operating
–50
150
°C
Junction, TJ
150
Storage, Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
Machine model (MM)
±200
(1)
The minimum supply voltage for the REF3312 is 1.7 V.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted).
MIN
NOM
MAX
UNIT
VIN
Supply input voltage(1)
VOUT + 0.2
5.5
V
IOUT
Output current range
–5
5
mA
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
REF33xx
REF3325,
REF3330
UNIT
DCK (SC70)
DBZ (SOT-23)
RSE (UQFN)
3 PINS
3 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
279.7
313.1
61.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
136.3
144.0
32.6
°C/W
RθJB
Junction-to-board thermal resistance
56.9
109.3
16.0
°C/W
ψJT
Junction-to-top characterization parameter
11.0
18.2
1.3
°C/W
ψJB
Junction-to-board characterization parameter
56.1
107.9
16.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com