Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L93PI Datasheet(PDF) 5 Page - STMicroelectronics

Part # L93PI
Description  QUAD LOW SIDE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L93PI Datasheet(HTML) 5 Page - STMicroelectronics

  L93PI Datasheet HTML 1Page - STMicroelectronics L93PI Datasheet HTML 2Page - STMicroelectronics L93PI Datasheet HTML 3Page - STMicroelectronics L93PI Datasheet HTML 4Page - STMicroelectronics L93PI Datasheet HTML 5Page - STMicroelectronics L93PI Datasheet HTML 6Page - STMicroelectronics L93PI Datasheet HTML 7Page - STMicroelectronics L93PI Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CIRCUIT DESCRIPTION
The L93PI is a quad low side driver for lines,
lamps or inductive loads in automotive and indus-
trial applications.
All INputs are TTL or CMOS compatible. This al-
lows the device to be driven directly by a micro-
controller. For the noise immunity, all inputs have
a Schmitt-trigger with a hysteresis of typ. 100mV.
Each input stage has an input voltage protection
from -24V to 45V. The device can be activated
with a ’high’ signal on ENable input. ENable ’low’
switches the device into the sleep mode. In this
mode the quiescent current is less than 10
µA. A
high signal on PRoGramming input changes the
signal transfer polarity from noninverting into the
inverting mode. Normally this pin is connected to
VS or GND. These pins (PRG and EN) are inter-
nally fixed at low status by open input condition.
Independent of the PRoGramming input, the
OUTput switches off, if the signal INput pin is not
connected.
Each output driver has a current limitation of min
0.4A and a seperate thermal shut-down. The ther-
mal shut-down deactivates that output which ex-
ceeds Temperature switch off level. About 20K
below this temperature threshold the output will
be activated again. This means, that each output
is able to sink continuously 285mA without acti-
vating thermal shut-down at 85°C ambient tem-
perature (SO20). The slew rate of the output is
limited to max. 14V/
µs to reduce the electromag-
netic interference, but not for the enable transfer
characteristic (see fig. 1). An integrated active fly-
back voltage limitation clamps the output voltage
during the flyback phase of inductive loads to typ.
50V. The power DMOS switches ON, if the device
is enabled and the OUTput swings below ground.
This protection avoids the activation of parasitics
inside the power DMOS.
The DIAGnostic is an open drain output. The logic
status depends on the PRoGramming pin. If the
PRG pin is ’low’ the DIAG output becomes low, if
the device works correctly.
At thermal shut-down of one channel, discon-
nected ground or supply voltage the DIAGnostic
output becomes high. If the PRG pin is ’high’ this
output is switched off at normal function and
switched on at overtemperature.
DIAGNOSTIC TABLE
Pins
EN
PRG
IN
OUT
DIAG
Normal function
H
L
L
L (on)
L (on)
H
L
H
H (off)
L (on)
H
H
L
H (off)
H(off)
HHHL (on)
H(off)
L
X
X
H (off)
H(off)
Overtemperature,
disconnected ground or
supply voltage
H
L
X
H (off) *
H (off)
Overtemperature
H
H
X
H (off) *
L (on)
X = not relevant * selective for each channel at overtemperature
L93PI
5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com