Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L93PI Datasheet(PDF) 2 Page - STMicroelectronics

Part # L93PI
Description  QUAD LOW SIDE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L93PI Datasheet(HTML) 2 Page - STMicroelectronics

  L93PI Datasheet HTML 1Page - STMicroelectronics L93PI Datasheet HTML 2Page - STMicroelectronics L93PI Datasheet HTML 3Page - STMicroelectronics L93PI Datasheet HTML 4Page - STMicroelectronics L93PI Datasheet HTML 5Page - STMicroelectronics L93PI Datasheet HTML 6Page - STMicroelectronics L93PI Datasheet HTML 7Page - STMicroelectronics L93PI Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ABSOLUTE MAXIMUM RATINGS (no damage or latch)
Symbol
Parameter
Value
Unit
VS
Supply voltage
-24 to 45
V
Pin voltages
VIN
Input, enable, program
-24 to 45
V
VOUT
Output
-0.3 to 45
V
VDIAG
Diagnostic output
-0.3 to 45
V
EX
Max. Energy During Flyback
2
mJ
PIN DESCRIPTION
No
Pin Name
Function
8
VS
SUPPLY VOLTAGE
4,5,6,7,14,
15,16,17
GND
GROUND
11
EN
ENABLE
20
PRG
PROGRAM
3
DIAG
DIAGNOSTIC
1
IN1
INPUT 1
2
IN2
INPUT 2
9
IN3
INPUT 3
10
IN4
INPUT 4
19
OUT 1
OUTPUT 1
18
OUT 2
OUTPUT 2
13
OUT 3
OUTPUT 3
12
OUT 4
OUTPUT 4
–
NC
NOT CONNECTED
IN1
IN2
DIAG
GND
GND
GND
GND
VS
IN3
OUT4
OUT3
GND
GND
GND
GND
OUT2
OUT1
PRG
1
3
2
4
5
6
7
8
9
18
17
16
15
14
12
13
11
19
10
20
IN4
EN
D94AT121A
PIN CONNECTION (Top view)
L93PI
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com