Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99ASC03 Datasheet(PDF) 47 Page - STMicroelectronics

Part # L99ASC03
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L99ASC03 Datasheet HTML 43Page - STMicroelectronics L99ASC03 Datasheet HTML 44Page - STMicroelectronics L99ASC03 Datasheet HTML 45Page - STMicroelectronics L99ASC03 Datasheet HTML 46Page - STMicroelectronics L99ASC03 Datasheet HTML 47Page - STMicroelectronics L99ASC03 Datasheet HTML 48Page - STMicroelectronics L99ASC03 Datasheet HTML 49Page - STMicroelectronics L99ASC03 Datasheet HTML 50Page - STMicroelectronics L99ASC03 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 73 page
background image
DocID023504 Rev 7
47/73
L99ASC03
ST-SPI Protocol
72
Figure 22. SPI signal description
The communication frame starts with the falling edge of the CSN (Communication Start).
SCK has to be low.
The SDI data is then latched at all following rising SCK edges into the internal shift registers.
After Communication Start the SDO will leave tristate mode and present the MSB of the data
shifted out to SDO. At all following falling SCK edges data is shifted out through the internal
shift registers to SDO.
The communication frame is finished with the rising edge of CSN. If a valid communication
took place (e.g. correct number of SCK cycles), the requested operation by the OpCode will
be performed (Write or Clear operation).
4.2
Protocol
4.2.1
SDI frame
The Data-In Frame consist of 16 bits (OpCode+Address+Data).
The first two transmitted bits (MSB, MSB-1) contain the Operation Code, which represents
the instruction which will be performed. The following 6 bits (MSB-2 to MSB-7) represent the
address on which the operation will be performed.
The subsequent byte contains the payload data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com